Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TDF8599ATH Datasheet(PDF) 26 Page - NXP Semiconductors

Part # TDF8599ATH
Description  I2C-bus controlled dual channel 135 W/4 W, single channel 250 W/2 W class-D power amplifier with load diagnostics
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

TDF8599ATH Datasheet(HTML) 26 Page - NXP Semiconductors

Back Button TDF8599ATH Datasheet HTML 22Page - NXP Semiconductors TDF8599ATH Datasheet HTML 23Page - NXP Semiconductors TDF8599ATH Datasheet HTML 24Page - NXP Semiconductors TDF8599ATH Datasheet HTML 25Page - NXP Semiconductors TDF8599ATH Datasheet HTML 26Page - NXP Semiconductors TDF8599ATH Datasheet HTML 27Page - NXP Semiconductors TDF8599ATH Datasheet HTML 28Page - NXP Semiconductors TDF8599ATH Datasheet HTML 29Page - NXP Semiconductors TDF8599ATH Datasheet HTML 30Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 54 page
background image
TDF8599A_2
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 02 — 30 June 2009
26 of 54
NXP Semiconductors
TDF8599A
I2C-bus controlled dual channel class-D power amplifier
9.2 Data bytes
If R/W = 1, the TDF8599A sends two data bytes to the microprocessor (DB1 and DB2). All
short diagnostic and offset protection bits are latched. In addition, all bits are reset after a
read operation except the DC load detection bits (DBx[D4], DB1[D6]). The default setting
for all bits is logic 0.
In Parallel mode, the diagnostic information is stored in byte DB1.
Data byte DB1[D7] indicates whether the instruction bits have been set to logic 0. In
principle, DB1[D7] is set after a POR or when all the instruction bits are programmed to
logic 0. Pin DIAG is driven HIGH when bit DB1[D7] = 1.
Table 16.
Description of data bytes
Bit
Value
DB1 channel 1
DB2 channel 2
D7
0
at least 1 instruction bit set to logic 1
below maximum temperature
1
all instruction bits are set to logic 0
maximum temperature protection
activated
D6
0
invalid DC load data
no temperature warning
1
valid DC load data
temperature pre-warning active
D5
0
no overvoltage
no undervoltage
1
overvoltage protection active
undervoltage protection active
D4
0
speaker load channel 1
speaker load channel 2
1
open load channel 1
open load channel 2
D3
0
no shorted load channel 1
no shorted load channel 2
1
shorted load channel 1
shorted load channel 2
D2
0
no offset
reserved
1
offset detected
reserved
D1
0
no short to VP channel 1
no short to VP channel 2
1
short to VP channel 1
short to VP channel 2
D0
0
no short to ground channel 1
no short to ground channel 2
1
short to ground channel 1
short to ground channel 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com