Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TDF8599B Datasheet(PDF) 9 Page - NXP Semiconductors

Part # TDF8599B
Description  I2C-bus controlled dual channel 43 W/4 W, single channel 85 W/1 W class-D power amplifier with load diagnostics
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

TDF8599B Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button TDF8599B Datasheet HTML 5Page - NXP Semiconductors TDF8599B Datasheet HTML 6Page - NXP Semiconductors TDF8599B Datasheet HTML 7Page - NXP Semiconductors TDF8599B Datasheet HTML 8Page - NXP Semiconductors TDF8599B Datasheet HTML 9Page - NXP Semiconductors TDF8599B Datasheet HTML 10Page - NXP Semiconductors TDF8599B Datasheet HTML 11Page - NXP Semiconductors TDF8599B Datasheet HTML 12Page - NXP Semiconductors TDF8599B Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 54 page
background image
TDF8599B_1
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 01 — 29 July 2009
9 of 54
NXP Semiconductors
TDF8599B
I2C-bus controlled dual channel class-D power amplifier
The capacitor on pin SSM (CSSM) sets the spreading frequency when Spread spectrum
mode is active. The current (ISSM) flowing in and out of pin SSM is typically 5 µA. This
gives a triangular voltage on pin SSM that sweeps around the voltage set by pin OSCSET
± 5 %. The voltage on pin SSM is used to modulate the oscillator frequency.
The spread spectrum frequency (fSSM) can be calculated using Equation 2:
(2)
where the voltage on pin OSCSET = V1 and is calculated as 100 µA × Rosc (V) with
ISSM =5 µA.
The frequency swings between 0.95
× fosc and 1.05 × fosc; see Figure 7.
8.3.3 Frequency hopping (Master mode)
Frequency hopping is a technique used to change the oscillator frequency for AM tuner
compatibility. In Master mode, the resistor connected between pins OSCSET and AGND
sets the oscillator frequency (fosc). In I2C-bus mode, this frequency can be varied by
± 10 %. Set bit IB1[D4] to logic 1 and bit IB1[D3] to either logic 0 (0.9 × fosc) or logic 1
(1.1
× fosc).
f
SSM
I
SSM
2C
SSM
×
V
1
×
10 %
×
------------------------------------------------------ Hz
[]
=
a. Off
b. On
Fig 6.
Spread spectrum mode
001aai773
100
µA
Rosc
SSM
Cosc
OSCSET
001aai774
100
µA
5
µA
ISSM
Rosc
SSM
Cosc
CSSM
OSCSET
Fig 7.
Spread spectrum operation in Master mode
001aai775
t (ms)
OSCIO
max(V)
min(V)
SSM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com