Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

33730 Datasheet(PDF) 8 Page - Freescale Semiconductor, Inc

Part # 33730
Description  SWITCHING POWER SUPPLY
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33730 Datasheet(HTML) 8 Page - Freescale Semiconductor, Inc

Back Button 33730 Datasheet HTML 4Page - Freescale Semiconductor, Inc 33730 Datasheet HTML 5Page - Freescale Semiconductor, Inc 33730 Datasheet HTML 6Page - Freescale Semiconductor, Inc 33730 Datasheet HTML 7Page - Freescale Semiconductor, Inc 33730 Datasheet HTML 8Page - Freescale Semiconductor, Inc 33730 Datasheet HTML 9Page - Freescale Semiconductor, Inc 33730 Datasheet HTML 10Page - Freescale Semiconductor, Inc 33730 Datasheet HTML 11Page - Freescale Semiconductor, Inc 33730 Datasheet HTML 12Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 27 page
background image
Analog Integrated Circuit Device Data
8
Freescale Semiconductor
33730
ELECTRICAL CHARACTERISTICS
STATIC ELECTRICAL CHARACTERISTICS
VDD3 LINEAR REGULATOR (CONTINUED)
VDD3_B Current Limit, VDD3_B = 0V,
KA_VBAT = 14V, VBAT = 14V
IVDD3B_Lim
-20
-50
mA
KA_VBAT = 5.0V, VBAT = 5.0V
-20
-50
VDD3 STANDBY LINEAR REGULATOR
VDD3 Standby Output Voltage (Includes Line and Load Regulation)
VDD3_SBY
-15
15
%
IVDD3_SBY = 0 to -15mA, See Table 1 for VDD3_SBY Output Setting
VDD3 Dropout Voltage (KA_VBAT - VDD3) Standby Mode
VDD3_DO
1.4
V
(VDD3 set at 3.3V via P1, P2, P3) IVDD3 = -10mA
VDD3 Standby Current Limit, VDD3 = 0V
KA_VBAT = 14V, VBAT = 14V
IVDD3SBY_LIM
-20
-50
mA
KA_VBAT = 5.0V, VBAT = 5.0V
-20
-50
Thermal Shutdown Junction Temperature(7)
TSH
TSL
150
190
°C
Thermal Shutdown Hysteresis(7)
TSHYS
5.0
20
°C
VDDL LINEAR REGULATOR
VDDL Output Voltage (Includes Line and Load Regulation)
VDDL
-3.0
3.0
%
IVDDL = 0 to -500mA, See Table 1 for VDDL Output Setting
VDDL_B Dropout Voltage (VDDH - VDDL)
(VDDL set at 3.3V via P1, P2, P3) IVDDL = -800mA
VDDL_DO
280
mV
VDDL_B Current Limit, VDDL = 0V
KA_VBAT = 14V, VBAT = 14V
IVDDL_LIM
-18
-50
mA
KA_VBAT = 5.0V, VBAT = 5.0V
-18
-50
VKAM STANDBY LINEAR REGULATOR
VKAM Output Voltage (Includes Line and Load Regulation)
VKAM
-15
15
%
IVKAM = 0 to -15 mA, See Table 1 for VKAM Output Setting
VKAM Dropout Voltage (KA_VBAT - VKAM)
IVKAM = -10mA, VKAM set to 5.0V (P1 = L, P2 = H, P3 = L)
VKAM_DO
1.4
V
Notes
7.
Guaranteed By Design.
Table 4. Static Electrical Characteristic(continued)
Characteristics noted under conditions 6.0V
≤ KA_VBAT = VBAT ≤ 26.5V, -40°C ≤ TA ≤ 125°C using the typical application circuit,
unless otherwise noted.
Characteristic
Symbol
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com