Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ACST10-7CT Datasheet(PDF) 8 Page - STMicroelectronics

Part # ACST10-7CT
Description  Transient protected AC power switch
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ACST10-7CT Datasheet(HTML) 8 Page - STMicroelectronics

Back Button ACST10-7CT Datasheet HTML 4Page - STMicroelectronics ACST10-7CT Datasheet HTML 5Page - STMicroelectronics ACST10-7CT Datasheet HTML 6Page - STMicroelectronics ACST10-7CT Datasheet HTML 7Page - STMicroelectronics ACST10-7CT Datasheet HTML 8Page - STMicroelectronics ACST10-7CT Datasheet HTML 9Page - STMicroelectronics ACST10-7CT Datasheet HTML 10Page - STMicroelectronics ACST10-7CT Datasheet HTML 11Page - STMicroelectronics ACST10-7CT Datasheet HTML 12Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
Ordering information scheme
ACST10
8/12
2.2
AC line transient voltage ruggedness
In comparison with standard TRIACs, which are not robust against surge voltage, the
ACST10 is self-protected against over-voltage, specified by the new parameter VCL. The
ACST10 switch can safely withstand AC line transient voltages either by clamping the low
energy spikes or by switching to the on state (for less than 10 ms) to dissipate higher energy
shocks through the load. This safety feature works even with high turn-on current rises.
The test circuit of Figure 17 represents the ACST10 application, and is used to stress the
ACST switch according to the IEC 61000-4-5 standard conditions. Thanks to the load which
is limiting the current, the ACST switch withstands the voltage spikes up to 2 kV above the
peak line voltage. The protection is based on an overvoltage crowbar technology. The
ACST10 switches safely to the on state as shown in Figure 18. The ACST10 recovers its
blocking voltage capability after the surge. Such a non repetitive test can be done at least 10
times on each AC line voltage polarity.
3
Ordering information scheme
Figure 19.
Ordering information scheme
Figure 17.
Overvoltage ruggedness test circuit
for resistive and inductive loads for
IEC 61000-4-5 standards
Figure 18.
Typical current and voltage
waveforms across the ACST10
during IEC 61000-4-5 standard test
L
AC Mains
R
Filtering unit
Rg
Model of the load
Rgene
Surge generator
ACST12
2kV surge
C
L
R = 8
, L = 4 µH, Vsurge = 2 kV
Ω
V
OUT
I
OUT
V
PEAK =V CL
ACST 10 - 7 C T
AC Switch
On-state rms current
Repetitive peak off-state voltage
Triggering gate current
Package
10 = 10A
7 = 700V
S = 10 mA
C = 35 mA
FP = TO-220FPAB
T = TO-220AB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com