Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STA5630 Datasheet(PDF) 3 Page - STMicroelectronics

Part # STA5630
Description  Low power GPS RF front-end
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA5630 Datasheet(HTML) 3 Page - STMicroelectronics

  STA5630 Datasheet HTML 1Page - STMicroelectronics STA5630 Datasheet HTML 2Page - STMicroelectronics STA5630 Datasheet HTML 3Page - STMicroelectronics STA5630 Datasheet HTML 4Page - STMicroelectronics STA5630 Datasheet HTML 5Page - STMicroelectronics STA5630 Datasheet HTML 6Page - STMicroelectronics STA5630 Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
STA5630
Applications
Doc ID 16055 Rev 1
3/7
1
Applications
Three main applications cases are considered and described hereafter.
The first uses a passive antenna and only a single RF SAW in front of the internal LNA. It
targets low cost and medium performance applications. In this case LNA is ON and RFA is
set at minimum gain.
The second uses a passive antenna and two RF SAWs. It maximizes the performances in
presence of severe blockers. In this case LNA is ON and RFA is set at maximum gain.
The third case uses an active antenna. This solution targets applications where the GPS
antenna is far from the RF front-end. In this case the signal can be fed into either LNA or
RFA input depending on the application conditions.
STA5630 is suitable for baseband requiring 16.368/4.092 clock/RF interface and one, two or
three bits samples. It accepts reference clocks (TCXO) in the range of 10-52 MHz and
delivers a TCXO buffered copy to the baseband.
The STA5630 has two default modes selectable by an external pin (MODE):
●
MODE 0: the chip is configured to use 16.368 MHz as reference frequency,
●
MODE 1: the chip is configured to use 26 MHz as reference frequency.
Other modes are programmed through the serial interface
1.1
Block diagram
Figure 1.
Block diagram
Digital
Interface
CP
Buffer
PFD
Image
Rejection
Mixer
Complex IF
filter
GPS_CLK
/48
or
/ 96
TCXO_CLK
LNA_IN
MAG1
SIGN
/ 2
/ R
1 ÷ 63
SPI_NCS
SPI_CLK
SPI_DI
SPI_DO
<chip config >
ADC
TCXO
TP_IF_N
MAG1
AGC
CHIP_EN
LNA
RFA
RFA
Selectable BW
GPS BW = 2MHz
GALILEO BW = 4MHz
Selectable BW
GPS BW = 2MHz
GALILEO BW = 4MHz
Digital
Integrator
3
bits
MAG0
Default Mode Selector
MODE0: TCXO=16.368 MHz
MODE1: TCXO=26 MHz
RF_EN
MODE
F_LO = 3142.656 MHz
F_IF = 4.092 MHz
LNA_OUT
RFA_IN
VGA
LDO
V18_IN
V12_OUT
V12_RFOUT
LNA_EN
TP_IF_P
/ N
56 ÷ 2047
V18_IO



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com