Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TS941 Datasheet(PDF) 1 Page - STMicroelectronics

Part # TS941
Description  Output rail-to-rail micropower operational amplifiers
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS941 Datasheet(HTML) 1 Page - STMicroelectronics

  TS941_09 Datasheet HTML 1Page - STMicroelectronics TS941_09 Datasheet HTML 2Page - STMicroelectronics TS941_09 Datasheet HTML 3Page - STMicroelectronics TS941_09 Datasheet HTML 4Page - STMicroelectronics TS941_09 Datasheet HTML 5Page - STMicroelectronics TS941_09 Datasheet HTML 6Page - STMicroelectronics TS941_09 Datasheet HTML 7Page - STMicroelectronics TS941_09 Datasheet HTML 8Page - STMicroelectronics TS941_09 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
March 2009
Rev 5
1/18
18
TS941, TS942, TS944
Output rail-to-rail micropower operational amplifiers
Features
■ Rail-to-rail output voltage swing
■ Micropower consumption (1.2 µA)
■ Single supply operation (2.5 V to 10 V)
■ CMOS inputs
■ Ultra low input bias current (1 pA)
■ ESD protection (2 kV)
■ Latch-up immunity (class A)
■ Available in SOT23-5 micropackage
Applications
■ Battery-powered systems (alarm)
■ Portable communication systems (pagers)
■ Smoke/gas/fire detectors
■ Instrumentation and sensoring
■ PH meter
Description
The TS94x (single, dual and quad) series are
operational amplifiers characterized for 2.5 V to
10 V operation over -40° C to +85° C temperature
range.
They exhibit excellent consumption -1.2 µA, while
featuring 10 kHz gain bandwidth product, 1.5 mA
output capability and output rail-to-rail operation
- 2.85 V typical at 3 V with RL=10 kΩ.
The TS94x op-amps are ideal for battery-powered
systems, where very low supply current and
output rail-to-rail are required. Their very low
- 1 pA typical input bias current and constant
supply current over supply voltage enhance the
TS94x’s performance near the end of the battery
charge or battery life.
1
2
3
4
5
Inverting input
Non-inverting input
Output
VDD
VCC
1
2
3
4
5
6
7
8
-
+
Inverting Input 1
N.C.
Non-inverting Input 1
V DD
VCC
Output 2
N.C.
N.C.
Inverting Input 2
Non-inverting Input 2
Non-inverting Input 1
DD
V
1
2
3
4
8
5
6
7
9
10
11
12
13
14
CC
V
Output 3
Output 4
Non-inverting Input 4
Inverting Input 4
Non-inverting Input 3
Inverting Input 3
-
+
-
+
-
+
-
+
Output 1
Inverting Input 1
Output 2
1
2
3
45
6
7
8
-
+
-
+
Inverting Input 1
Output 1
Non-inverting Input 1
VDD
VCC
Output 2
Inverting Input 2
Non-inverting Input 2
TS941ILT
TS944ID-TS944IDT-TS944IPT
TS941ID-TS941IDT
TS942ID-TS942IDT-TS942IPT
www.st.com


Similar Part No. - TS941_09

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TS941 STMICROELECTRONICS-TS941_04 Datasheet
223Kb / 18P
OUTPUT RAIL TO RAIL MICROPOWER OPERATIONAL AMPLIFIERS
Dec-2004
TS941 STMICROELECTRONICS-TS941_08 Datasheet
266Kb / 19P
Output rail-to-rail micropower operational amplifiers
09-Apr-2008
More results

Similar Description - TS941_09

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TS931 STMICROELECTRONICS-TS931 Datasheet
129Kb / 14P
OUTPUT RAIL TO RAIL MICROPOWER OPERATIONAL AMPLIFIERS
May-2000
TS941 STMICROELECTRONICS-TS941 Datasheet
124Kb / 14P
OUTPUT RAIL TO RAIL MICROPOWER OPERATIONAL AMPLIFIERS
May-2000
logo
Texas Instruments
OPA347 TI-OPA347 Datasheet
470Kb / 21P
microPower, Rail-to-Rail Operational Amplifiers
logo
STMicroelectronics
TS931 STMICROELECTRONICS-TS931_04 Datasheet
242Kb / 15P
OUTPUT RAIL TO RAIL MICROPOWER OPERATIONAL AMPLIFIERS
Dec-2004
TS941 STMICROELECTRONICS-TS941_04 Datasheet
223Kb / 18P
OUTPUT RAIL TO RAIL MICROPOWER OPERATIONAL AMPLIFIERS
Dec-2004
TS941 STMICROELECTRONICS-TS941_08 Datasheet
266Kb / 19P
Output rail-to-rail micropower operational amplifiers
09-Apr-2008
logo
Texas Instruments
OPA347SA TI-OPA347SA Datasheet
1Mb / 33P
microPower, Rail-to-Rail Operational Amplifiers
OPA37AZ TI1-OPA37AZ Datasheet
1Mb / 33P
microPower, Rail-to-Rail Operational Amplifiers
logo
STMicroelectronics
TS93X STMICROELECTRONICS-TS93X Datasheet
977Kb / 17P
Output rail-to-rail micropower operational amplifiers
07-Nov-2012
TS94X STMICROELECTRONICS-TS94X Datasheet
319Kb / 18P
Output rail-to-rail micropower operational amplifiers
October 2009 Rev 6
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com