Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CY7C024AV-20AI Datasheet(PDF) 8 Page - Cypress Semiconductor

Part # CY7C024AV-20AI
Description  3.3V 4K/8K/16K x 16/18 Dual-Port Static RAM
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C024AV-20AI Datasheet(HTML) 8 Page - Cypress Semiconductor

Back Button CY7C024AV-20AI Datasheet HTML 4Page - Cypress Semiconductor CY7C024AV-20AI Datasheet HTML 5Page - Cypress Semiconductor CY7C024AV-20AI Datasheet HTML 6Page - Cypress Semiconductor CY7C024AV-20AI Datasheet HTML 7Page - Cypress Semiconductor CY7C024AV-20AI Datasheet HTML 8Page - Cypress Semiconductor CY7C024AV-20AI Datasheet HTML 9Page - Cypress Semiconductor CY7C024AV-20AI Datasheet HTML 10Page - Cypress Semiconductor CY7C024AV-20AI Datasheet HTML 11Page - Cypress Semiconductor CY7C024AV-20AI Datasheet HTML 12Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 19 page
background image
CY7C024AV/024BV/025AV/026AV
CY7C0241AV/0251AV/036AV
Document #: 38-06052 Rev. *J
Page 8 of 19
Maximum Ratings
Exceeding maximum ratings[14] may shorten the useful life of the
device. User guidelines are not tested.
Storage Temperature ................................. –65°C to +150°C
Ambient Temperature with
Power Applied ............................................ –55°C to +125°C
Supply Voltage to Ground Potential............... –0.5V to +4.6V
DC Voltage Applied to
Outputs in High-Z State ......................... –0.5V to VCC + 0.5V
DC Input Voltage[15]............................... –0.5V to VCC + 0.5V
Output Current into Outputs (LOW) ............................. 20 mA
Static Discharge Voltage.......................................... > 2001V
Latch-up Current.................................................... > 200 mA
Operating Range
Range
Ambient Temperature
VCC
Commercial
0°C to +70°C
3.3V
± 300 mV
Industrial[16]
–40°C to +85°C
3.3V
± 300 mV
Electrical Characteristics
Over the Operating Range
Parameter
Description
CY7C024AV/024BV/025AV/026AV
CY7C0241AV/0251AV/036AV
Unit
-20
-25
Min
Typ
Max
Min
Typ
Max
VOH
Output HIGH Voltage (VCC=3.3V)
2.4
2.4
V
VOL
Output LOW Voltage
0.4
0.4
V
VIH
Input HIGH Voltage
2.0
2.0
V
VIL
Input LOW Voltage
–0.3[17]
0.8
0.8
V
IOZ
Output Leakage Current
–10
10
–10
10
μA
IIX
Input Leakage Current
–10
10
–10
10
μA
ICC
Operating Current (VCC = Max.,
IOUT = 0 mA) Outputs Disabled
Com’l.
120
175
115
165
mA
Ind.[16]
135
185
mA
ISB1
Standby Current (Both Ports TTL Level)
CEL & CER ≥ VIH, f = fMAX
Com’l.
35
45
30
40
mA
Ind.[16]
40
50
mA
ISB2
Standby Current (One Port TTL Level)
CEL | CER ≥ VIH, f = fMAX
Com’l.
75
110
65
95
mA
Ind.[16]
75
105
mA
ISB3
Standby Current (Both Ports CMOS Level)
CEL & CER ≥ VCC−0.2V, f = 0
Com’l.
10
500
10
500
μA
Ind.[16]
10
500
μA
ISB4
Standby Current (One Port CMOS Level)
CEL | CER ≥ VIH, f = fMAX
[18]
Com’l.
70
95
60
80
mA
Ind.[16]
70
90
mA
Capacitance
Parameter[19]
Description
Test Conditions
Max
Unit
CIN
Input Capacitance
TA = 25°C, f = 1 MHz,
VCC = 3.3V
10
pF
COUT
Output Capacitance
10
pF
Notes
14. The voltage on any input or IO pin cannot exceed the power pin during power up.
15. Pulse width < 20 ns.
16. Industrial parts are available in CY7C026AV and CY7C036AV only.
17. VIL > –1.5V for pulse width less than 10ns.
18. fMAX = 1/tRC = All inputs cycling at f = 1/tRC (except output enable). f = 0 means no address or control lines change. This applies only to inputs at CMOS level
standby ISB3.
19. Tested initially and after any design or process changes that may affect these parameters.
[+] Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com