Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CY7C024AV-20AXI Datasheet(PDF) 13 Page - Cypress Semiconductor

Part # CY7C024AV-20AXI
Description  3.3V 4K/8K/16K x 16/18 Dual-Port Static RAM
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C024AV-20AXI Datasheet(HTML) 13 Page - Cypress Semiconductor

Back Button CY7C024AV-20AXI Datasheet HTML 9Page - Cypress Semiconductor CY7C024AV-20AXI Datasheet HTML 10Page - Cypress Semiconductor CY7C024AV-20AXI Datasheet HTML 11Page - Cypress Semiconductor CY7C024AV-20AXI Datasheet HTML 12Page - Cypress Semiconductor CY7C024AV-20AXI Datasheet HTML 13Page - Cypress Semiconductor CY7C024AV-20AXI Datasheet HTML 14Page - Cypress Semiconductor CY7C024AV-20AXI Datasheet HTML 15Page - Cypress Semiconductor CY7C024AV-20AXI Datasheet HTML 16Page - Cypress Semiconductor CY7C024AV-20AXI Datasheet HTML 17Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 19 page
background image
CY7C024AV/024BV/025AV/026AV
CY7C0241AV/0251AV/036AV
Document #: 38-06052 Rev. *J
Page 13 of 19
Notes
43. CE = HIGH for the duration of the above timing (both write and read cycle).
44. IO0R = IO0L = LOW (request semaphore); CER = CEL = HIGH.
45. Semaphores are reset (available to both ports) at cycle start.
46. If tSPS is violated, the semaphore is definitely obtained by one side or the other, but which side gets the semaphore is unpredictable.
Switching Waveforms (continued)
tSOP
tSAA
VALID ADRESS
VALID ADRESS
tHD
DATAIN VALID
DATAOUT VALID
tOHA
tAW
tHA
tACE
tSOP
tSCE
tSD
tSA
tPWE
tSWRD
tDOE
WRITE CYCLE
READ CYCLE
OE
R/W
IO 0
SEM
A 0–A 2
Figure 10. Semaphore Read After Write Timing, Either Side[43]
MATCH
tSPS
A0L–A2L
MATCH
R/WL
SEML
A 0R–A2R
R/WR
SEM R
Figure 11. Timing Diagram of Semaphore Contention[44, 45, 46]
[+] Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com