Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CY8C20121 Datasheet(PDF) 7 Page - Cypress Semiconductor

Part # CY8C20121
Description  CapSense Express-One Button and Two Button Capacitive Controllers
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY8C20121 Datasheet(HTML) 7 Page - Cypress Semiconductor

Back Button CY8C20121 Datasheet HTML 3Page - Cypress Semiconductor CY8C20121 Datasheet HTML 4Page - Cypress Semiconductor CY8C20121 Datasheet HTML 5Page - Cypress Semiconductor CY8C20121 Datasheet HTML 6Page - Cypress Semiconductor CY8C20121 Datasheet HTML 7Page - Cypress Semiconductor CY8C20121 Datasheet HTML 8Page - Cypress Semiconductor CY8C20121 Datasheet HTML 9Page - Cypress Semiconductor CY8C20121 Datasheet HTML 10Page - Cypress Semiconductor CY8C20121 Datasheet HTML 11Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 34 page
background image
PRELIMINARY
CY8C20111, CY8C20121
Document Number: 001-53516 Rev. **
Page 7 of 34
Table 5. Register Map
Name
Register
Address
(in Hex)
Access
Writable
Only in
Setup
Mode[3]
Factory Default
Values of Registers
(in Hex)
I2C Max ACK
Time in Normal
Mode (ms)[5]
I2C Max
ACK Time in
Setup
Mode
(ms)[5]
Page No.
1 Button
2 Button
OUTPUT_PORT
04
W
01
03
0.10
9
CS_ENABLE
07
RW
Yes
01
03
11
9
DIG_ENABLE
08
RW
Yes
01
03
11
10
SET_STRONG_DM
11
RW
Yes
01
03
11
10
OP_SEL_0
1C
RW
82
82
0.12
11
12
LOGICAL_OPR_INPUT0
1E
RW
01
01
0.12
11
12
OP_SEL_1[4]
21
RW
82
0.12
11
12
LOGICAL_OPR_INPUT1[4]
23
RW
02
0.12
11
12
CS_NOISE_TH
4E
RW
28
28
0.11
11
13
CS_BL_UPD_TH
4F
RW
64
64
0.11
11
13
CS_SETL_TIME
50
RW
Yes
A0
A0
35
13
CS_OTH_SET
51
RW
Yes
00
00
35
14
CS_HYSTERISIS
52
RW
0A
0A
0.11
11
14
CS_DEBOUNCE
53
RW
03
03
0.11
11
15
CS_NEG_NOISE_TH
54
RW
14
14
0.11
11
15
CS_LOW_BL_RST
55
RW
14
14
0.11
11
15
CS_FILTERING
56
RW
20
20
0.11
11
16
CS_SCAN_POS_0
5C
RW
Yes
00
00
11
16
CS_SCAN_POS_1[4]
5D
RW
Yes
01
11
16
CS_FINGER_TH_0
66
RW
64
64
0.14
11
17
CS_FINGER_TH_1[4]
67
RW
64
0.14
11
17
CS_IDAC_0
70
RW
0A
0A
0.14
11
17
CS_IDAC_1[4]
71
RW
0A
0.14
11
17
I2C_ADDR_LOCK
79
RW
00
00
0.11
11
17
DEVICE_ID
7A
R
11
21
0.11
11
18
DEVICE_STATUS
7B
R
03
03
0.11
11
18
I2C_ADDR_DM
7C
RW
00
00
0.11
11
19
CS_READ_BUTTON
81
RW
00
00
0.12
11
19
CS_READ_BLM
82
R
00
00
0.12
11
20
CS_READ_BLL
83
R
00
00
0.12
11
20
CS_READ_DIFFM
84
R
00
00
0.12
11
20
CS_READ_DIFFL
85
R
00
00
0.12
11
20
CS_READ_RAWM
86
R
00
00
0.12
11
20
CS_READ_RAWL
87
R
00
00
0.12
11
20
CS_READ_STATUS
88
R
00
00
0.12
11
21
COMMAND_REG
A0
W
00
00
0.10
11
21
Notes
3. These registers are writable only after entering into setup mode. All other registers are available for read and write in normal and setup mode.
4. These registers are available only in CY8C20121 device.
5. The Ack times specified are 1x I2C Ack times.
[+] Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com