Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CY3672-PRG Datasheet(PDF) 9 Page - Cypress Semiconductor

Part # CY3672-PRG
Description  Programmable Spread Spectrum Clock Generator for EMI Reduction
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY3672-PRG Datasheet(HTML) 9 Page - Cypress Semiconductor

Back Button CY3672-PRG Datasheet HTML 3Page - Cypress Semiconductor CY3672-PRG Datasheet HTML 4Page - Cypress Semiconductor CY3672-PRG Datasheet HTML 5Page - Cypress Semiconductor CY3672-PRG Datasheet HTML 6Page - Cypress Semiconductor CY3672-PRG Datasheet HTML 7Page - Cypress Semiconductor CY3672-PRG Datasheet HTML 8Page - Cypress Semiconductor CY3672-PRG Datasheet HTML 9Page - Cypress Semiconductor CY3672-PRG Datasheet HTML 10Page - Cypress Semiconductor CY3672-PRG Datasheet HTML 11Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
CY25200
Document #: 38-07633 Rev. *E
Page 9 of 11
AC Electrical Specifications
Parameter
Description
Condition
Min
Typ.
Max
Unit
DC
Output Duty Cycle
SSCLK, Measured at VDD/2
45
50
55
%
Output Duty Cycle
REFCLK, Measured at VDD/2
Duty Cycle of CLKIN = 50%.
40
50
60
%
SR1
Rising/Falling Edge Slew Rate SSCLK1/2/3/4 < 100 MHz, VDD = VDDL = 3.3V
0.6
–
2.0
V/ns
SR2
Rising/Falling Edge Slew Rate SSCLK1/2/3/4
≥ 100 MHz, V
DD = VDDL = 3.3V
0.8
–
3.5
V/ns
SR3
Rising/Falling Edge Slew Rate SSCLK1/2/3/4 < 100 MHz, VDD = VDDL = 2.5V
0.5
–
2.2
V/ns
SR4
Rising/Falling Edge Slew Rate SSCLK1/2/3/4
≥ 100 MHz, V
DD = VDDL = 2.5V
0.6
–
3.0
V/ns
SR5
Rising/Falling Edge Slew Rate SSCLK5/6 < 100 MHz, VDD = VDDL = 3.3V
0.6
–
1.9
V/ns
SR6
Rising/Falling Edge Slew Rate SSCLK5/6
≥ 100 MHz, V
DD = VDDL = 3.3V
1.0
–
2.9
V/ns
TCCJ1
Cycle-to-Cycle Jitter
SSCLK1/2/3/4
CLKIN = SSCLK1/2/3/4 = 166MHz, ±2% spread and
SSCLK5/6 = REFOUT, VDD = VDDL = 3.3V
––
110
ps
CLKIN = SSCLK1/2/3/4 = 66.66 MHz, ±2% spread
and SSCLK5/6 = REFOUT, VDD = VDDL = 3.3V
–
–
170
ps
CLKIN = SSCLK1/2/3/4 = 33.33 MHz, ±2% spread
and SSCLK5/6 = REFOUT, VDD = VDDL = 3.3V
–
–
140
ps
CLKIN = SSCLK1/2/3/4 = 14.318MHz, ±2% spread
and SSCLK5/6 = REFOUT, VDD = VDDL = 3.3V
–
–
290
TCCJ2
Cycle-to-Cycle Jitter
SSCLK5/6=REFOUT
CLKIN = SSCLK1/2/3/4 = 166 MHz, ±2% spread and
SSCLK5/6 = REFOUT, VDD = VDDL = 3.3V
–
–
100
ps
CLKIN = SSCLK1/2/3/4 = 66.66 MHz, ±2% spread
and SSCLK5/6 = REFOUT, VDD = VDDL = 3.3V
–
–
120
ps
CLKIN = SSCLK1/2/3/4 = 33.33 MHz, ±2% spread
and SSCLK5/6 = REFOUT, VDD = VDDL = 3.3V
–
–
180
ps
CLKIN = SSCLK1/2/3/4 = 14.318 MHz, ±2% spread
and SSCLK5/6 = REFOUT, VDD = VDDL = 3.3V
–
–
180
TCCJ3
Cycle-to-Cycle Jitter
SSCLK1/2/3/4
CLKIN = SSCLK1/2/3/4 = 166 MHz, ±2% spread and
SSCLK5/6 = REFOUT, VDD = 3.3V, VDDL = 2.5V
––
110
ps
CLKIN = SSCLK1/2/3/4 = 66.66MHz, ±2% spread
and SSCLK5/6 = REFOUT, VDD = 3.3V, VDDL = 2.5V
–
–
170
ps
CLKIN = SSCLK1/2/3/4 = 33.33 MHz, ±2% spread
and SSCLK5/6 = REFOUT, VDD = 3.3V, VDDL = 2.5V
–
–
190
ps
CLKIN = SSCLK1/2/3/4 = 14.318 MHz, ±2% spread
and SSCLK5/6 = REFOUT, VDD = 3.3V, VDDL = 2.5V
–
–
330
tSTP
Power Down Time
(pin3 = PD#)
Time from falling edge on PD# to stopped outputs
(Asynchronous)
–
150
300
ns
TOE1
Output Disable Time
(pin3 = OE)
Time from falling edge on OE to stopped outputs
(Asynchronous)
–
150
300
ns
TOE2
Output Enable Time
(pin3 = OE)
Time from rising edge on OE to outputs at a valid
frequency (Asynchronous)
–
150
300
ns
FMOD
Spread Spectrum Modulation
Frequency
SSCLK1/2/3/4/5/6
30.0
31.5
33.0
kHz
tPU1
Power Up Time,
Crystal is used
Time from rising edge on PD# to outputs at valid
frequency (Asynchronous)
–3
5
ms
tPU2
Power Up Time,
Reference clock is used
Time from rising edge on PD# to outputs at valid
frequency (Asynchronous)
–2
3
ms
tSKEW
[4]
Clock Skew
Output to output skew between related clock
outputs. Measured at VDD/2.
–
–
250
ps
Note
4. Skew and phase alignment is guaranteed within all SSCLK outputs and within both REFOUT outputs. SSCLK and REFOUT outputs are not phase aligned to
each other.
[+] Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com