Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LTC3548AIDDPBF Datasheet(PDF) 13 Page - Linear Technology

Part # LTC3548AIDDPBF
Description  Dual Synchronous 400mA/800mA, 2.25MHz Step-Down DC/DC Regulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3548AIDDPBF Datasheet(HTML) 13 Page - Linear Technology

Back Button LTC3548AIDDPBF Datasheet HTML 9Page - Linear Technology LTC3548AIDDPBF Datasheet HTML 10Page - Linear Technology LTC3548AIDDPBF Datasheet HTML 11Page - Linear Technology LTC3548AIDDPBF Datasheet HTML 12Page - Linear Technology LTC3548AIDDPBF Datasheet HTML 13Page - Linear Technology LTC3548AIDDPBF Datasheet HTML 14Page - Linear Technology LTC3548AIDDPBF Datasheet HTML 15Page - Linear Technology LTC3548AIDDPBF Datasheet HTML 16Page - Linear Technology LTC3548AIDDPBF Datasheet HTML 17Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
LTC3548A
13
3548af
APPLICATIONS INFORMATION
For approximately a 1ms ramp time, use RSS = 4.7M and
CSS = 680pF at VIN = 3.3V.
Efficiency Considerations
The percent efficiency of a switching regulator is equal to
the output power divided by the input power times 100%.
It is often useful to analyze individual losses to determine
what is limiting the efficiency and which change would
produce the most improvement. Percent efficiency can
be expressed as:
%Efficiency = 100% - (L1 + L2 + L3 + ...)
where L1, L2, etc. are the individual losses as a percent-
age of input power.
Although all dissipative elements in the circuit produce
losses, 4 main sources usually account for most of the
losses in LTC3548A circuits: 1. VIN quiescent current, 2.
switching losses, 3. I2R losses, 4. other losses.
1. The VIN current is the DC supply current given in
the Electrical Characteristics section which excludes
MOSFET driver and control currents. VIN current results
in a small (<0.1%) loss that increases with VIN, even at
no load.
2. The switching current is the sum of the MOSFET driver
and control currents. The MOSFET driver current re-
sults from switching the gate capacitance of the power
MOSFETs. Each time a MOSFET gate is switched from
low to high to low again, a packet of charge dQ moves
from VIN to ground. The resulting dQ/dt is a current
out of VIN that is typically much larger than the DC bias
current. In continuous mode, IGATECHG = fO(QT + QB),
where QT and QB are the gate charges of the internal
top and bottom MOSFET switches. The gate charge
losses are proportional to VIN and thus their effects
will be more pronounced at higher supply voltages.
3. I2R losses are calculated from the DC resistances of
the internal switches, RSW, and external inductor, RL.
In continuous mode, the average output current flows
through inductor L, but is chopped between the internal
top and bottom switches. Thus, the series resistance
looking into the SW pin is a function of both top and
bottom MOSFET RDS(ON) and the duty cycle (D) as
follows:
RSW = (RDS(ON)TOP)(D) + (RDS(ON)BOT)(1 – D)
The RDS(ON)forboththetopandbottomMOSFETscanbe
obtained from the Typical Performance Characteristics
curves. Thus, to obtain I2R losses:
I2R losses = IOUT2(RSW + RL)
4. Other hidden losses such as copper trace and internal
battery resistances can account for additional efficiency
degradations in portable systems. It is very important
to include these system level losses in the design of a
system. The internal battery and fuse resistance losses
can be minimized by making sure that CIN has adequate
charge storage and very low ESR at the switching fre-
quency. Other losses including diode conduction losses
during dead time and inductor core losses generally
account for less than 2% total additional loss.
Thermal Considerations
In a majority of applications, the LTC3548A does not
dissipate much heat due to its high efficiency. However,
in applications where the LTC3548A is running at high
ambient temperature with low supply voltage and high
duty cycles, such as in dropout, the heat dissipated may
exceed the maximum junction temperature of the part. If
the junction temperature reaches approximately 150°C,
both power switches will be turned off and the SW node
will become high impedance.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com