Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LTC3601EUDPBF Datasheet(PDF) 21 Page - Linear Technology

Part # LTC3601EUDPBF
Description  1.5A, 15V Monolithic Synchronous Step-Down Regulator
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3601EUDPBF Datasheet(HTML) 21 Page - Linear Technology

Back Button LTC3601EUDPBF Datasheet HTML 16Page - Linear Technology LTC3601EUDPBF Datasheet HTML 17Page - Linear Technology LTC3601EUDPBF Datasheet HTML 18Page - Linear Technology LTC3601EUDPBF Datasheet HTML 19Page - Linear Technology LTC3601EUDPBF Datasheet HTML 20Page - Linear Technology LTC3601EUDPBF Datasheet HTML 21Page - Linear Technology LTC3601EUDPBF Datasheet HTML 22Page - Linear Technology LTC3601EUDPBF Datasheet HTML 23Page - Linear Technology LTC3601EUDPBF Datasheet HTML 24Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 21 / 24 page
background image
LTC3601
21
3601f
8.4V Input to 3.3V Output at 2MHz Operating
Frequency Using Forced Continuous Mode
Efficiency vs Load Current
VIN
RUN
PGOOD
TRACK
LTC3601
PGND
SGND
INTVCC
ITH
RT
MODE/SYNC
BOOST
SW
VON
FB
0.1μF
COUT
47μF
VOUT
3.3V
1.5A
R1
90.9k
CFF
10pF
R2
20k
3601 TA03a
L1
2.2μH
C2
2.2μF
C1
47μF
VIN
8.4V
CIN: TDK C3225X5R1C476M
COUT: TDK C3216X5R0J476M
L1: VISHAY IHLP2020BZER2R2M01
LOAD CURRENT (A)
0.01
40
50
60
70
80
0.1
1
10
3601 TA03b
30
20
10
0
90
100
TYPICAL APPLICATIONS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com