Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LTM9002CV-LA Datasheet(PDF) 21 Page - Linear Technology

Part # LTM9002CV-LA
Description  14-Bit Dual-Channel IF/Baseband Receiver Subsystem
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM9002CV-LA Datasheet(HTML) 21 Page - Linear Technology

Back Button LTM9002CV-LA Datasheet HTML 17Page - Linear Technology LTM9002CV-LA Datasheet HTML 18Page - Linear Technology LTM9002CV-LA Datasheet HTML 19Page - Linear Technology LTM9002CV-LA Datasheet HTML 20Page - Linear Technology LTM9002CV-LA Datasheet HTML 21Page - Linear Technology LTM9002CV-LA Datasheet HTML 22Page - Linear Technology LTM9002CV-LA Datasheet HTML 23Page - Linear Technology LTM9002CV-LA Datasheet HTML 24Page - Linear Technology LTM9002CV-LA Datasheet HTML 25Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 28 page
background image
LTM9002
21
9002f
APPLICATIONS INFORMATION
Figure 6. Input Termination for Differential
50Ω Input Impedance Using Shunt Resistor
Figure 7. Calculate Differential Gain
The amplifier is unconditionally stable, i.e. differential
stability factor Kf > 1 and stability measure B1 > 0. How-
ever, the overall differential gain is affected by the source
impedance in Figure 7:
AV = | VOUT/VIN | = (500/(RS + ZIN/2)
The noise performance of the amplifier also depends
upon the source impedance and termination. For example,
an input 1:4 transformer in Figure 5 improves the input
noise figure by adding 6dB gain at the inputs. A trade-off
between gain and noise is obvious when constant noise
figure circle and constant gain circle are plotted within
the input Smith Chart, based on which users can choose
the optimal source impedance for a given gain and noise
requirement.
SENSE Pin Operation
The internal voltage reference can be configured for two
pin-selectable input ranges of 0.1V (±50mV differential)
or 0.5V (±25mV differential) for LTM9002-AA. Tying the
SENSE pin to VDD selects the higher range; tying the SENSE
pin to 1.5V selects the lower range. For other versions of
LTM9002, the input span is either 2VP-P divided by the
gain or 1VP-P divided by the gain.
An external reference can be used by applying its output
directly or through a resistive divider to SENSE. It is not
recommended to drive the SENSE pin with a logic device.
The SENSE pin should be tied to the appropriate level as
close to the converter as possible. The SENSE pin is inter-
nally bypassed to ground with a 1μF ceramic capacitor.
Input Range
The input range can be set based on the application. The
0.1V input range (LTM9002-AA) will provide the best SNR
performance while maintaining excellent SFDR. The lower
input range will have slightly better SFDR performance, but
the SNR will degrade by 5dB. See the Typical Performance
Characteristics section.
Adjusting the Full-Scale Input Range
To trim the full-scale range of one channel to match that
of the other channel, first set the desired range for both
channels by applying an external reference to SENSEA
and SENSEB as shown in Figure 8. Set the DAC codes to
approximately match the external reference voltage. Ap-
ply a full-scale voltage to the input of each channel. Read
the output of both channels and adjust the setting for the
DAC of one channel until the desired channel matching
has been achieved.
The adjustment range and step size depends on the resistor
values chosen for or the source resistance of the external
reference circuit. The external reference is connected to
the SENSE pin which has 10k (±1%) series impedance
with the internal DAC voltage. For the circuit shown in Fig-
ure 8, the step size is 76μV and the code representing 1V
is 0xAAB (0.666748 decimal). In this example, the SENSE
voltage trim range is from approximately 0.79V to 1.1V
including offset and gain errors. Therefore, the effective
input span can be trimmed from ±39.6mV to 55.2mV with
a step size of 3.8μV. However, it is not recommended to
9002 F06
ZIN/2
0.1μF
0.1μF
500Ω
LTM9002
ZIN/2
RS
50Ω
RS
50Ω
VIN
500Ω
+
–
0.1μF
RT
RT
IN+
IN–
9002 F07
ZIN/2
RT
500Ω
LTM9002
ZIN/2
RS/2
RS/2
VIN
500Ω
IN+
IN–
+
–



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com