| Electronic Components Datasheet Search |
|
SH72531FCC Datasheet(PDF) 21 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
SH72531FCC Datasheet(HTML) 21 Page - Renesas Technology Corp |
|
21 / 56 page ![]() Section 2 Software Specifications when Using the SH72546RFCC, SH72544R, SH72543R, SH72531FCC, and SH72531 Rev. 2.00 Jun. 08, 2009 Page 15 of 46 REJ10J1941-0200 Section 2 Software Specifications when Using the SH72546RFCC, SH72544R, SH72543R, SH72531FCC, and SH72531 2.1 Differences between the MCU and the Emulator 1. When the emulator system is initiated, it initializes the general registers and part of the control registers as shown in table 2.1. The initial values of the MCU are undefined. When the emulator is initiated from the workspace, a value to be entered is saved in a session. Table 2.1 Register Initial Values at Emulator Link Up Register Emulator at Link Up R0 to R14 H'00000000 R15 (SP) Value of the SP in the power-on reset vector table PC Value of the PC in the power-on reset vector table SR H'000000F0 GBR H'00000000 VBR H'00000000 TBR H'00000000 MACH H'00000000 MACL H'00000000 PR H'00000000 FPSCR* H'00040001 FPUL* H'00000000 FPR0-15* H'00000000 Note: If the MCU does not incorporate the floating-point unit (FPU), these registers are not displayed. Note: When a value of the interrupt mask bit in the SR register is changed in the [Registers] window, it is actually reflected in that register immediately before execution of the user program is started. It also applies when the value is changed by the REGISTER_SET command. 2. The emulator uses the H-UDI; do not access the H-UDI. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |