Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

27DP-PR2-2 Datasheet(PDF) 1 Page - DDK Ltd.

Part # 27DP-PR2-2
Description  SMB Type Connectors
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DDK [DDK Ltd.]
Direct Link  http://www.ddknet.co.jp/English/index.html
Logo DDK - DDK Ltd.

27DP-PR2-2 Datasheet(HTML) 1 Page - DDK Ltd.

  27DP-PR2-2 Datasheet HTML 1Page - DDK Ltd. 27DP-PR2-2 Datasheet HTML 2Page - DDK Ltd. 27DP-PR2-2 Datasheet HTML 3Page - DDK Ltd. 27DP-PR2-2 Datasheet HTML 4Page - DDK Ltd. 27DP-PR2-2 Datasheet HTML 5Page - DDK Ltd. 27DP-PR2-2 Datasheet HTML 6Page - DDK Ltd. 27DP-PR2-2 Datasheet HTML 7Page - DDK Ltd. 27DP-PR2-2 Datasheet HTML 8Page - DDK Ltd. 27DP-PR2-2 Datasheet HTML 9Page - DDK Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
●
  ●
27DP Series
●
27DP series are connectors produced based on
SMB type (Sub-Miniature type B) specified in
MIL-C-39012.
●
27DP is super small size coaxial cable connec-
tors for 50 Ω group corresponding to minimiza-
tion of communication equipment.
●
Connection method is push-on type, and fixing
method cable is by crimping or soldering.
JIS-C-5415、 MIL-C-39012、 DSP-C-6205
Specifications depends on each connector although these are basic specifications.
Please ask us for the cable assemblies to assure its performance.
SMB Type Connectors
CONFORMING STANDARD
SPECIFICATION
Characteristic Impedance
50Ω
Dielectric withstanding voltage
1000V AC (rms) for 1 minute
Insulation resistance
1000MΩmin. at 500V DC
Contact resistance
6mΩ max.
VSWR
1.2max. at DC~2GHz
MATERIAL/FINISH
Shell (Body)
Copper alloy/Gold or Nickel plating
Contact (male)
Copper alloy/Gold plating
Contact (female)
Copper alloy/Gold plating
Insulators
PTFE
1


Similar Part No. - 27DP-PR2-2

ManufacturerPart #DatasheetDescription
logo
DDK Ltd.
27DP-P-1.5QEV-AA-CF DDK-27DP-P-1.5QEV-AA-CF Datasheet
501Kb / 9P
SMB Type Coaxial Connector
27DP-P-1.5QEW-AA-CF DDK-27DP-P-1.5QEW-AA-CF Datasheet
501Kb / 9P
SMB Type Coaxial Connector
More results

Similar Description - 27DP-PR2-2

ManufacturerPart #DatasheetDescription
logo
ITT Industries
BAI-001 ITT-BAI-001 Datasheet
77Kb / 1P
SMB/SMC Straight Connectors, Clamp Type for Braided Cable
BAI-003 ITT-BAI-003 Datasheet
78Kb / 1P
SMB/SMC Straight Connectors, Crimp Type for Braided Cable
BAI-015 ITT-BAI-015 Datasheet
108Kb / 1P
SMB Right Angle Connectors, Crimp Type for Braided Cable
logo
Adam Technologies, Inc.
RF2-07-T-AS-50 ADAM-TECH-RF2-07-T-AS-50 Datasheet
118Kb / 1P
RF CONNECTORS SMB & F STYLE
logo
DDK Ltd.
27CP DDK-27CP Datasheet
198Kb / 5P
75廓 SMB Type Connectors
logo
List of Unclassifed Man...
SMBR003D00 ETC1-SMBR003D00 Datasheet
170Kb / 4P
SMT Type SMB Connector
logo
Amphenol Corporation
2FA1-NBSJ-C01-6 AMPHENOL-2FA1-NBSJ-C01-6 Datasheet
3Mb / 24P
FAKRA SMB Connectors
FA1-NDRP-PCB-9 AMPHENOL-FA1-NDRP-PCB-9 Datasheet
2Mb / 23P
FAKRA SMB CONNECTORS COAXIAL CABLE
logo
Japan Aviation Electron...
SMT JAE-SMT Datasheet
173Kb / 4P
Compact Coaxial Connectors Compatible with IEC60169-10 (Type SMB) Standard
logo
DDK Ltd.
27DP-P-1.5QEV-AA-CF DDK-27DP-P-1.5QEV-AA-CF Datasheet
501Kb / 9P
SMB Type Coaxial Connector
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com