Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

BPC-3610 Datasheet(PDF) 11 Page - BOSER Technology Co., Ltd

Part # BPC-3610
Description  10.4??Small Size Panel PC with CF, TV-Out, AC/DC P/S
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOSER [BOSER Technology Co., Ltd]
Direct Link  http://www.boser.com.tw
Logo BOSER - BOSER Technology Co., Ltd

BPC-3610 Datasheet(HTML) 11 Page - BOSER Technology Co., Ltd

Back Button BPC-3610 Datasheet HTML 7Page - BOSER Technology Co., Ltd BPC-3610 Datasheet HTML 8Page - BOSER Technology Co., Ltd BPC-3610 Datasheet HTML 9Page - BOSER Technology Co., Ltd BPC-3610 Datasheet HTML 10Page - BOSER Technology Co., Ltd BPC-3610 Datasheet HTML 11Page - BOSER Technology Co., Ltd BPC-3610 Datasheet HTML 12Page - BOSER Technology Co., Ltd BPC-3610 Datasheet HTML 13Page - BOSER Technology Co., Ltd BPC-3610 Datasheet HTML 14Page - BOSER Technology Co., Ltd BPC-3610 Datasheet HTML 15Page - BOSER Technology Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 26 page
background image
5
Brightness (cd/m
2)
250 cd/m
2 (Typ.)
LCD Color
6-bit, 262,144 colors
Pixel Pitch (mm)
0.264(H) x 0.264(V)
Touch Screen
10.4” resistive
Mechanical & Environmental
Thermal Solution
4cm ball bearing cooling fan x 1
Front Panel Color
Black
Dimension (LxHxW)
28.5 x 22.5 x 6.8 mm
Operation Temperature
0~+45 degrees C
Storage Temperature
-20~+70 degrees C
EMC
FCC/CE
Front Panel Protection
IP65 Compliance
Power Supply
70W AC P/S
I/O Interface
External I/O
USB2.0 x 5, Line Out, MIC In, COM x 3, CF, LAN x 2, PS/2 KB/MS, VGA
Rear I/O
01. Brigntness
07. MIC In
13. LAN * 2
02. ON/OFF
08. COM 1
14. CF
03. AC Power In
09. COM 2
15. KB/MS
04. USB2.0
10. COM 3
16. VGA
05. USB2.0 * 2
11. Reset Button
06. Line Out
12. USB2.0 * 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com