Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ADAPTER Datasheet(PDF) 1 Page - DDK Ltd.

Part # ADAPTER
Description  Conversion Connector
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DDK [DDK Ltd.]
Direct Link  http://www.ddknet.co.jp/English/index.html
Logo DDK - DDK Ltd.

ADAPTER Datasheet(HTML) 1 Page - DDK Ltd.

  ADAPTER Datasheet HTML 1Page - DDK Ltd. ADAPTER Datasheet HTML 2Page - DDK Ltd. ADAPTER Datasheet HTML 3Page - DDK Ltd. ADAPTER Datasheet HTML 4Page - DDK Ltd. ADAPTER Datasheet HTML 5Page - DDK Ltd. ADAPTER Datasheet HTML 6Page - DDK Ltd. ADAPTER Datasheet HTML 7Page - DDK Ltd. ADAPTER Datasheet HTML 8Page - DDK Ltd. ADAPTER Datasheet HTML 9Page - DDK Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 31 page
background image
 
Adapter Connectors
The adaptor connector is a connector to con
-
vert the connector with a different engagement
entrance.
Conversion Connector
1


Similar Part No. - ADAPTER

ManufacturerPart #DatasheetDescription
logo
Extreme Networks.
ADAPTER EXTREMENETWORKS-ADAPTER Datasheet
237Kb / 15P
Cloud-Managed Switching Made Easy
29jul24
logo
Axiomtek Co., Ltd.
ADAPTER AXIOMTEK-ADAPTER Datasheet
623Kb / 3P
1.6" SBC with Intel Alder Lake-N® Processor, LPDDR5, eDP, M.2 Key E, 2 USB 3.2 (Type-C), and USB 3.2 (Vertical Type-C)
Jul. 08, 2025.
logo
Power PAX UK
ADAPTER-18W POWERPAX-ADAPTER-18W Datasheet
879Kb / 1P
ADAPTER-18W
logo
Mini-Circuits
ADAPTERS-TYPE-N_SMA MINI-ADAPTERS-TYPE-N_SMA Datasheet
53Kb / 1P
50OHM, DC to 18 GHz
ADAPTERS_BNC_SMA MINI-ADAPTERS_BNC_SMA Datasheet
109Kb / 2P
50OHM DC to 2 GHz
More results

Similar Description - ADAPTER

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
2SK1068 SANYO-2SK1068 Datasheet
80Kb / 3P
Impedance Conversion Applications
logo
Hirose Electric
TM12RV-64-A HIROSE-TM12RV-64-A Datasheet
96Kb / 1P
D-SUB MODULAR CONVERSION CONNECTOR
logo
List of Unclassifed Man...
5504DCR ETC1-5504DCR Datasheet
145Kb / 11P
Direct Conversion Receiver
logo
Mallory performance clu...
61002M MALLORY-61002M Datasheet
84Kb / 4P
E-SPARK CONVERSION
61003M MALLORY-61003M Datasheet
89Kb / 4P
E-SPARK CONVERSION
logo
Omron Electronics LLC
XW2D OMRON-XW2D Datasheet
525Kb / 5P
Slim Connector-Terminal Block Conversion Units
logo
Diodes Incorporated
DMP2002UPS DIODES-DMP2002UPS Datasheet
648Kb / 7P
High Conversion Efficiency
Rev 4
logo
Ohmite Mfg. Co.
RES-TAH OHMITE-RES-TAH Datasheet
326Kb / 2P
Frequency Conversion
logo
Asahi Kasei Microsystem...
AK2401 AKM-AK2401 Datasheet
2Mb / 103P
Direct Conversion Transceiver
AK2401A AKM-AK2401A Datasheet
864Kb / 21P
Direct Conversion Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com