Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

APT32M80J Datasheet(PDF) 3 Page - Microsemi Corporation

Part # APT32M80J
Description  N-Channel MOSFET
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

APT32M80J Datasheet(HTML) 3 Page - Microsemi Corporation

  APT32M80J Datasheet HTML 1Page - Microsemi Corporation APT32M80J Datasheet HTML 2Page - Microsemi Corporation APT32M80J Datasheet HTML 3Page - Microsemi Corporation APT32M80J Datasheet HTML 4Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Typical Performance Curves
APT32M80J
0
40
80
120
160
200
0
0.4
0.8
1.2
1.6
0
200
400
600
80
10
100
1,000
10,000
0
20
40
60
80
100
120
140
160
0
2
4
6
8
10
0
10
20
30
40
50
60
0
5
10
15
20
25
30
35
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
0
25
50
75
100
125
150
0
10
20
30
40
50
60
0
5
10
15
20
25
30
35
0
10
20
30
40
50
60
70
80
90
100
0
5
10
15
20
25
30
10 & 15V
4V
V
GE = 10V
T
J= 55°C
T
J= 150°C
V
DS, DRAIN-TO-SOURCE VOLTAGE (V)
FIGURE 1, Output Characteristics
T
J= 25°C
T
J= 125°C
V
DS, DRAIN-TO-SOURCE VOLTAGE (V)
FIGURE 2, Output Characteristics
T
J, JUNCTION TEMPERATURE (°C)
FIGURE 3, R
DS(ON) vs Junction Temperature
I
D, DRAIN CURRENT (A)
FIGURE 5, Gain vs Drain Current
V
GS , GATE-TO-SOURCE VOLTAGE (V)
FIGURE 4, Transfer Characteristics
V
DS, DRAIN-TO-SOURCE VOLTAGE (V)
FIGURE 6, CAPACITANCE VS DRAIN-TO-SOURCE VOLTAGE
V
SD, SOURCE-TO-DRAIN VOLTAGE (V)
FIGURE 8, Reverse Drain Current vs Source-to-Drain Voltage
0
2
4
6
8
10
12
0
100
200
300
Q
g, TOTAL GATE CHARGE (nC)
FIGURE 7, Gate Charge vs Gate-to-Source Voltage
4.5V
5.5V
6 & 6.5V
5V
T
J = 125°C
V
DS> ID(ON) x RDS(ON) MAX.
250μSEC. PULSE TEST
@ <0.5 % DUTY CYCLE
T
J= 55°C
T
J= 25°C
T
J= 125°C
NORMALIZED TO
V
GS = 10V @ 24A
T
J = 125°C
T
J = 25°C
T
J = -55°C
C
oss
C
iss
C
rss
V
DS = 480V
V
DS = 120V
V
DS = 300V
I
D = 33A
T
J = 150°C
T
J = 25°C



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com