Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

APT58F50J Datasheet(PDF) 1 Page - Microsemi Corporation

Part # APT58F50J
Description  N-Channel FREDFET
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

APT58F50J Datasheet(HTML) 1 Page - Microsemi Corporation

  APT58F50J Datasheet HTML 1Page - Microsemi Corporation APT58F50J Datasheet HTML 2Page - Microsemi Corporation APT58F50J Datasheet HTML 3Page - Microsemi Corporation APT58F50J Datasheet HTML 4Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
SO
T-2
27
ISOTOP®
file # E145592
"UL Recognized"
G
S
S
D
N-Channel FREDFET
Absolute Maximum Ratings
Thermal and Mechanical Characteristics
G
D
S
Single die FREDFET
Unit
A
V
mJ
A
Unit
W
°C/W
°C
V
oz
g
in·lbf
N·m
Ratings
58
37
270
±30
1845
42
Min
Typ
Max
540
0.23
0.15
-55
150
2500
1.03
29.2
10
1.1
Parameter
Continuous Drain Current @ T
C = 25°C
Continuous Drain Current @ T
C = 100°C
Pulsed Drain Current 1
Gate-Source Voltage
Single Pulse Avalanche Energy 2
Avalanche Current, Repetitive or Non-Repetitive
Characteristic
Total Power Dissipation @ T
C = 25°C
Junction to Case Thermal Resistance
Case to Sink Thermal Resistance, Flat, Greased Surface
Operating and Storage Junction Temperature Range
RMS Voltage (50-60hHz Sinusoidal Waveform from Terminals to Mounting Base for 1 Min.)
Package Weight
Terminals and Mounting Screws.
Symbol
I
D
I
DM
V
GS
E
AS
I
AR
Symbol
P
D
R
θJC
R
θCS
T
J,TSTG
V
Isolation
W
T
Torque
TYPICAL APPLICATIONS
• ZVSphaseshiftedandotherfullbridge
•Halfbridge
•PFCandotherboostconverter
• Buckconverter
•Singleandtwoswitchforward
•Flyback
FEATURES
•FastswitchingwithlowEMI
•Lowtrrforhighreliability
•UltralowCrssforimprovednoiseimmunity
•Lowgatecharge
•Avalancheenergyrated
•RoHScompliant
APT58F50J
500V,58A,0.065
ΩMax,trr ≤320ns
APT58F50J
Power MOS 8™ is a high speed, high voltage N-channel switch-mode power MOSFET.
A proprietary planar stripe design yields excellent reliability and manufacturability. Low
switching loss is achieved with low input capacitance and ultra low Crss "Miller" capaci-
tance. The intrinsic gate resistance and capacitance of the poly-silicon gate structure
help control slew rates during switching, resulting in low EMI and reliable paralleling,
even when switching at very high frequency. Reliability in flyback, boost, forward, and
other circuits is enhanced by the high avalanche energy capability.
MicrosemiWebsite-http://www.microsemi.com


Similar Part No. - APT58F50J

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
APT58M50J MICROSEMI-APT58M50J Datasheet
275Kb / 4P
N-Channel MOSFET
APT58M50J MICROSEMI-APT58M50J Datasheet
136Kb / 4P
N-Channel MOSFET
APT58M50JCU2 MICROSEMI-APT58M50JCU2 Datasheet
116Kb / 5P
ISOTOP짰 Boost chopper MOSFET SiC chopper diode Power module
APT58M50JCU3 MICROSEMI-APT58M50JCU3 Datasheet
117Kb / 5P
ISOTOP Buck chopper MOSFET SiC chopper diode Power module
APT58M50JU2 MICROSEMI-APT58M50JU2 Datasheet
114Kb / 5P
ISOTOP짰 Boost chopper ISOTOP짰 Boost chopper
More results

Similar Description - APT58F50J

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
APT22F120B2 MICROSEMI-APT22F120B2 Datasheet
402Kb / 4P
N-Channel FREDFET
APT22F100J MICROSEMI-APT22F100J Datasheet
107Kb / 4P
N-Channel FREDFET
APT44F80B2 MICROSEMI-APT44F80B2 Datasheet
431Kb / 4P
N-Channel FREDFET
APT47F60J MICROSEMI-APT47F60J Datasheet
145Kb / 4P
N-Channel FREDFET
APT17F80B MICROSEMI-APT17F80B Datasheet
437Kb / 4P
N-Channel FREDFET
APT13F120B MICROSEMI-APT13F120B_09 Datasheet
122Kb / 4P
N-Channel FREDFET
APT19F100J MICROSEMI-APT19F100J_09 Datasheet
135Kb / 4P
N-Channel FREDFET
APT34F60B MICROSEMI-APT34F60B_09 Datasheet
134Kb / 4P
N-Channel FREDFET
APT34F100B2 MICROSEMI-APT34F100B2_09 Datasheet
118Kb / 4P
N-Channel FREDFET
APT80F60J MICROSEMI-APT80F60J_11 Datasheet
236Kb / 4P
N-Channel FREDFET
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com