Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

APTGF30TL601G Datasheet(PDF) 8 Page - Microsemi Corporation

Part # APTGF30TL601G
Description  Three level inverter NPT IGBT Power Module
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

APTGF30TL601G Datasheet(HTML) 8 Page - Microsemi Corporation

  APTGF30TL601G Datasheet HTML 1Page - Microsemi Corporation APTGF30TL601G Datasheet HTML 2Page - Microsemi Corporation APTGF30TL601G Datasheet HTML 3Page - Microsemi Corporation APTGF30TL601G Datasheet HTML 4Page - Microsemi Corporation APTGF30TL601G Datasheet HTML 5Page - Microsemi Corporation APTGF30TL601G Datasheet HTML 6Page - Microsemi Corporation APTGF30TL601G Datasheet HTML 7Page - Microsemi Corporation APTGF30TL601G Datasheet HTML 8Page - Microsemi Corporation APTGF30TL601G Datasheet HTML 9Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
APTGF30TL601G
www.microsemi.com
8- 9
CR1 to CR4 Typical performance curve
Forward Characteristic of diode
TJ=25°C
TJ=125°C
0
10
20
30
0.0
0.5
1.0
1.5
2.0
2.5
VF (V)
Energy losses vs Collector Current
0
0.2
0.4
0.6
0
10
203040
IC (A)
VCE = 400V
VGE = 15V
RG = 1Ω
TJ = 125°C
0
0.125
0.25
0.375
0.5
01
23
4
Gate Resistance (ohms)
VCE = 400V
VGE =15V
IC = 15A
TJ = 125°C
Switching Energy Losses vs Gate Resistance
Maximum Effective Transient Thermal Impedance, Junction to Case vs Pulse Duration
0.9
0.7
0.5
0.3
0.1
0.05
Single Pulse
0
0.5
1
1.5
2
2.5
0.00001
0.0001
0.001
0.01
0.1
1
10
Rectangular Pulse Duration (Seconds)



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com