Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

HS-6253 Datasheet(PDF) 21 Page - BOSER Technology Co., Ltd

Part # HS-6253
Description  VIA C3 800MHz Embedded CPU Industrial Single Board Computer
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOSER [BOSER Technology Co., Ltd]
Direct Link  http://www.boser.com.tw
Logo BOSER - BOSER Technology Co., Ltd

HS-6253 Datasheet(HTML) 21 Page - BOSER Technology Co., Ltd

Back Button HS-6253 Datasheet HTML 17Page - BOSER Technology Co., Ltd HS-6253 Datasheet HTML 18Page - BOSER Technology Co., Ltd HS-6253 Datasheet HTML 19Page - BOSER Technology Co., Ltd HS-6253 Datasheet HTML 20Page - BOSER Technology Co., Ltd HS-6253 Datasheet HTML 21Page - BOSER Technology Co., Ltd HS-6253 Datasheet HTML 22Page - BOSER Technology Co., Ltd HS-6253 Datasheet HTML 23Page - BOSER Technology Co., Ltd HS-6253 Datasheet HTML 24Page - BOSER Technology Co., Ltd HS-6253 Datasheet HTML 25Page - BOSER Technology Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 80 page
background image
15
3.9
PCI E-IDE Drive Connector
IDE1 is a standard 40-pin connector daisy-chain driver connector
serves the PCI E-IDE drive provisions onboard the HS-6253. A
maximum of two ATA/33/66/100 IDE drives can connect to the
HS-6253 via IDE1.
IDE1: IDE Connector
PIN
Description
PIN
Description
1
-IDERST
2
GND
3
PDD7
4
PDD8
5
PDD6
6
PDD9
7
PDD5
8
PDD10
9
PDD4
10
PDD11
11
PDD3
12
PDD12
13
PDD2
14
PDD13
15
PDD1
16
PDD14
17
PDD0
18
PDD15
19
GND
20
N/C
21
PDDREQ
22
GND
23
-PDIOW
24
GND
25
-PDIOR
26
GND
27
PIORDY
28
GND
29
-PDDACK
30
GND
31
IRQ14
32
N/C
33
PDA1
34
PD33
35
PDA0
36
PDA2
37
-PDCS1
38
-PDCS3
39
HDD ACTIVE
40
GND
1
2
40
39



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com