| Electronic Components Datasheet Search |
|
APT30GP60B2DL Datasheet(PDF) 2 Page - Microsemi Corporation |
|
|
|||||||||||||||||||||||||||||
APT30GP60B2DL Datasheet(HTML) 2 Page - Microsemi Corporation |
|
2 / 9 page ![]() APT30GP60B2DL_LDL(G) DYNAMIC CHARACTERISTICS Symbol C ies C oes C res V GEP Q g Q ge Q gc SSOA t d(on) t r t d(off) t f E on1 E on2 E off t d(on) t r t d(off) t f E on1 E on2 E off Test Conditions Capacitance V GE = 0V, VCE = 25V f = 1 MHz Gate Charge V GE = 15V V CE = 300V I C = 30A T J = 150°C, RG = 5Ω, VGE = 15V, L = 100μH,V CE = 600V Inductive Switching (25°C) V CC(Peak) = 400V V GE = 15V I C = 30A R G = 5Ω T J = +25°C Inductive Switching (125°C) V CC(Peak) = 400V V GE = 15V I C = 30A R G = 5Ω T J = +125°C Characteristic Input Capacitance Output Capacitance Reverse Transfer Capacitance Gate-to-Emitter Plateau Voltage Total Gate Charge 3 Gate-Emitter Charge Gate-Collector ("Miller") Charge Switching SOA Turn-on Delay Time Current Rise Time Turn-off Delay Time Current Fall Time Turn-on Switching Energy 4 Turn-on Switching Energy (Diode) 5 Turn-off Switching Energy 6 Turn-on Delay Time Current Rise Time Turn-off Delay Time Current Fall Time Turn-on Switching Energy 4 Turn-on Switching Energy (Diode) 5 Turn-off Switching Energy 6 MIN TYP MAX 3200 295 20 7.5 90 20 30 120 13 18 55 46 260 335 250 330 13 18 84 80 260 508 518 750 UNIT pF V nC A ns μJ ns μJ UNIT °C/W gm MIN TYP MAX .27 .88 5.90 Characteristic Junction to Case (IGBT) Junction to Case (DIODE) Package Weight Symbol R θ JC R θ JC W T THERMAL AND MECHANICAL CHARACTERISTICS 1 Repetitive Rating: Pulse width limited by maximum junction temperature. 2 For Combi devices, I ces includes both IGBT and FRED leakages 3 See MIL-STD-750 Method 3471. 4 E on1 is the clamped inductive turn-on-energy of the IGBT only, without the effect of a commutating diode reverse recovery current adding to the IGBT turn-on loss. (See Figure 24.) 5 E on2 is the clamped inductive turn-on energy that includes a commutating diode reverse recovery current in the IGBT turn-on switching loss. (See Figures 21, 22.) 6 E off is the clamped inductive turn-off energy measured in accordance with JEDEC standard JESD24-1. (See Figures 21, 23.) Microsemi reserves the right to change, without notice, the specifications and information contained herein. |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |