Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

APT47GA60JD40 Datasheet(PDF) 2 Page - Microsemi Corporation

Part # APT47GA60JD40
Description  High Speed PT IGBT
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

APT47GA60JD40 Datasheet(HTML) 2 Page - Microsemi Corporation

  APT47GA60JD40 Datasheet HTML 1Page - Microsemi Corporation APT47GA60JD40 Datasheet HTML 2Page - Microsemi Corporation APT47GA60JD40 Datasheet HTML 3Page - Microsemi Corporation APT47GA60JD40 Datasheet HTML 4Page - Microsemi Corporation APT47GA60JD40 Datasheet HTML 5Page - Microsemi Corporation APT47GA60JD40 Datasheet HTML 6Page - Microsemi Corporation APT47GA60JD40 Datasheet HTML 7Page - Microsemi Corporation APT47GA60JD40 Datasheet HTML 8Page - Microsemi Corporation APT47GA60JD40 Datasheet HTML 9Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
Thermal and Mechanical Characteristics
Dynamic Characteristics
TJ = 25°C unless otherwise specified
APT47GA60JD40
Symbol
Characteristic
Min
Typ
Max
Unit
R
θJC
Junction to Case Thermal Resistance (IGBT)
-
-
.44
°C/W
R
θJC
Junction to Case Thermal Resistance (Diode)
1.21
W
T
Package Weight
-
29.2
-
g
V
Isolation
RMS Voltage (50-60Hz Sinusoidal Waveform from Terminals to Mounting Base for 1 Min.)
2500
in·lbf
Symbol
Parameter
Test Conditions
Min
Typ
Max
Unit
C
ies
Input Capacitance
Capacitance
V
GE = 0V, VCE = 25V
f = 1MHz
6320
pF
C
oes
Output Capacitance
580
C
res
Reverse Transfer Capacitance
63
Q
g
Total Gate Charge 3
Gate Charge
V
GE = 15V
V
CE= 300V
I
C = 47A
226
nC
Q
ge
Gate-Emitter Charge
46
Q
gc
Gate- Collector Charge
78
SSOA
Switching Safe Operating Area
T
J = 150°C, RG = 4.7Ω
4
, V
GE = 15V,
L= 100uH, V
CE = 600V
139
A
t
d(on)
Turn-On Delay Time
Inductive Switching (25°C)
V
CC = 400V
V
GE = 15V
I
C = 47A
R
G = 4.7Ω
4
T
J = +25°C
24
ns
t
r
Current Rise Time
26
t
d(off)
Turn-Off Delay Time
158
t
f
Current Fall Time
56
E
on2
Turn-On Switching Energy
1119
μJ
E
off
Turn-Off Switching Energy 6
693
t
d(on)
Turn-On Delay Time
Inductive Switching (125°C)
V
CC = 400V
V
GE = 15V
I
C = 47A
R
G = 4.7Ω
4
T
J = +125°C
23
ns
t
r
Current Rise Time
28
t
d(off)
Turn-Off Delay Time
190
t
f
Current Fall Time
109
E
on2
Turn-On Switching Energy
1984
μJ
E
off
Turn-Off Switching Energy 6
1037
1 Repetitive Rating: Pulse width and case temperature limited by maximum junction temperature.
2 Pulse test: Pulse Width < 380μs, duty cycle < 2%.
3 See Mil-Std-750 Method 3471.
4 R
G is external gate resistance, not including internal gate resistance or gate driver impedance. (MIC4452)
5 E
on2 is the clamped inductive turn on energy that includes a commutating diode reverse recovery current in the IGBT turn on energy loss. A combi device is used for the
clamping diode.
6 E
off is the clamped inductive turn-off energy measured in accordance with JEDEC standard JESD24-1.
Microsemi reserves the right to change, without notice, the specifications and information contained herein.



Html Pages

1 2 3 4 5 6 7 8 9