Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

APT50GP60LDLG Datasheet(PDF) 5 Page - Microsemi Corporation

Part # APT50GP60LDLG
Description  Resonant Mode Combi IGBT
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

APT50GP60LDLG Datasheet(HTML) 5 Page - Microsemi Corporation

  APT50GP60LDLG Datasheet HTML 1Page - Microsemi Corporation APT50GP60LDLG Datasheet HTML 2Page - Microsemi Corporation APT50GP60LDLG Datasheet HTML 3Page - Microsemi Corporation APT50GP60LDLG Datasheet HTML 4Page - Microsemi Corporation APT50GP60LDLG Datasheet HTML 5Page - Microsemi Corporation APT50GP60LDLG Datasheet HTML 6Page - Microsemi Corporation APT50GP60LDLG Datasheet HTML 7Page - Microsemi Corporation APT50GP60LDLG Datasheet HTML 8Page - Microsemi Corporation APT50GP60LDLG Datasheet HTML 9Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
APT50GP60LDL(G)
TYPICAL PERFORMANCE CURVES
0.20
0.16
0.12
0.08
0.04
0
0.3
0.7
SINGLE PULSE
RECTANGULAR PULSE DURATION (SECONDS)
Figure 19a, Maximum Effective Transient Thermal Impedance, Junction-To-Case vs Pulse Duration
10-5
10-4
10-3
10-2
10-1
1.0
10,000
1,000
500
100
50
10
200
180
160
140
120
100
80
60
40
20
0
V
CE
, COLLECTOR-TO-EMITTER VOLTAGE (VOLTS)
V
CE
, COLLECTOR TO EMITTER VOLTAGE
Figure 17, Capacitance vs Collector-To-Emitter Voltage
Figure 18,Minimim Switching Safe Operating Area
0
10
20
30
40
50
0
100
200
300
400
500
600
700
FIGURE 19b, TRANSIENT THERMAL IMPEDANCE MODEL
10 20
30
40
50
60
70
80
90 100
I
C
, COLLECTOR CURRENT (A)
Figure 20, Operating Frequency vs Collector Current
T
J
= 125
°C
T
C
= 75
°C
D = 50 %
V
CE
= 667V
R
G
= 5
Ω
220
100
50
10
C
ies
C
oes
C
res
0.5
0.1
0.05
F
max
= min (f
max, f max2)
0.05
f
max1 = t
d(on) + tr + td(off) + tf
P
diss - P cond
E
on2 + E off
f
max2 =
P
diss =
T
J - T C
R θJC
Peak TJ = PDM x ZθJC + TC
Duty Factor D =
t1/t
2
t2
t1
Note:
0.00908
0.0193
0.0658
0.00463
0.00218
0.0142
Power
(watts)
Junction
temp. (
°C)
RC MODEL
0.0658
0.0142
Case temperature. (
°C)
D = 0.9
.1055
.346



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com