Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

APT80GA90LD40 Datasheet(PDF) 7 Page - Microsemi Corporation

Part # APT80GA90LD40
Description  High Speed PT IGBT
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

APT80GA90LD40 Datasheet(HTML) 7 Page - Microsemi Corporation

  APT80GA90LD40 Datasheet HTML 1Page - Microsemi Corporation APT80GA90LD40 Datasheet HTML 2Page - Microsemi Corporation APT80GA90LD40 Datasheet HTML 3Page - Microsemi Corporation APT80GA90LD40 Datasheet HTML 4Page - Microsemi Corporation APT80GA90LD40 Datasheet HTML 5Page - Microsemi Corporation APT80GA90LD40 Datasheet HTML 6Page - Microsemi Corporation APT80GA90LD40 Datasheet HTML 7Page - Microsemi Corporation APT80GA90LD40 Datasheet HTML 8Page - Microsemi Corporation APT80GA90LD40 Datasheet HTML 9Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
STATIC ELECTRICAL CHARACTERISTICS
DYNAMIC CHARACTERISTICS
MAXIMUM RATINGS
All Ratings: T
C
= 25°C unless otherwise specified.
ULTRAFAST SOFT RECOVERY RECTIFIER DIODE
Symbol
Characteristic / Test Conditions
APT80GA90LD40
Unit
I
F(AV)
Maximum Average Forward Current (T
C = 106°C, Duty Cycle = 0.5)
40
Amps
I
F(RMS)
RMS Forward Current (Square wave, 50% duty)
60
I
FSM
Non-Repetitive Forward Surge Current (T
J = 45°C, 8.3 ms)
210
Symbol
Characteristic / Test Conditions
Min
Type
Max
Unit
V
F
Forward Voltage
I
F = 40A
2.5
Volts
I
F = 80A
3.08
I
F = 40A, TJ = 125°C
1.97
Symbol Characteristic
Test Conditions
Min
Typ
Max
Unit
t
rr
Reverse Recovery Time
I
F = 1A,
di
F/dt = -100A/µs,
V
R = 30V, TJ = 25°C
-
25
-
ns
t
rr
Reverse Recovery Time
I
F
= 40A, di
F
/dt = -200A/µs
V
R
= 667V, T
C
= 25°C
-
250
-
Q
rr
Reverse Recovery Charge
-
415
-
nC
I
RRM
Maximum Reverse Recovery Current
-
4
-
Amps
t
rr
Reverse Recovery Time
I
F
= 40A, di
F
/dt = -200A/µs
V
R
= 667V, T
C
= 125°C
-
315
-ns
Q
rr
Reverse Recovery Charge
-
1650
-
nC
I
RRM
Maximum Reverse Recovery Current
-
9
-
Amps
t
rr
Reverse Recovery Time
I
F
= 40A, di
F
/dt = -1000A/µs
V
R
= 667V, T
C
= 125°C
-
145
-
ns
Q
rr
Reverse Recovery Charge
-
2660
-nC
I
RRM
Maximum Reverse Recovery Current
-
29
-
Amps
10-5
10-4
10-3
10-2
10-1
1.0
RECTANGULAR PULSE DURATION (seconds)
FIGURE 1a. MAXIMUM EFFECTIVE TRANSIENT THERMAL IMPEDANCE, JUNCTION-TO-CASE vs. PULSE DURATION
0.70
0.60
0.50
0.40
0.30
0.20
0.10
0
0.5
SINGLE PULSE
0.1
0.3
0.7
0.05
Peak TJ = PDM x ZθJC + TC
Duty Factor D =
t1/t
2
t2
t1
Note:
D = 0.9



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com