Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SPT5240SIT Datasheet(PDF) 9 Page - Cadeka Microcircuits LLC.

Part # SPT5240SIT
Description  10-bit, 400 MWPS Current Output Digital-to-Analog Converter
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CADEKA [Cadeka Microcircuits LLC.]
Direct Link  http://www.cadeka.com
Logo CADEKA - Cadeka Microcircuits LLC.

SPT5240SIT Datasheet(HTML) 9 Page - Cadeka Microcircuits LLC.

Back Button SPT5240SIT Datasheet HTML 2Page - Cadeka Microcircuits LLC. SPT5240SIT Datasheet HTML 3Page - Cadeka Microcircuits LLC. SPT5240SIT Datasheet HTML 4Page - Cadeka Microcircuits LLC. SPT5240SIT Datasheet HTML 5Page - Cadeka Microcircuits LLC. SPT5240SIT Datasheet HTML 6Page - Cadeka Microcircuits LLC. SPT5240SIT Datasheet HTML 7Page - Cadeka Microcircuits LLC. SPT5240SIT Datasheet HTML 8Page - Cadeka Microcircuits LLC. SPT5240SIT Datasheet HTML 9Page - Cadeka Microcircuits LLC. SPT5240SIT Datasheet HTML 10Page - Cadeka Microcircuits LLC.  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
REV. 1 June 2003
9
SPT5240
DATA SHEET
A
B
C
D
E
F
J
K
L
G
I
INCHES
MILLIMETERS
Symbol
Min
Max
Min
Max
A
0.346
0.362
8.80
9.20
B
0.272
0.280
6.90
7.10
C
0.346
0.362
8.80
9.20
D
0.272
0.280
6.90
7.10
E
0.031 Typ
0.80 BSC
F
0.012
0.016
0.30
0.40
G
0.053
0.057
1.35
1.45
H
0.002
0.006
0.05
0.15
I
0.037
0.041
0.95
1.05
J
0.007
0.17
K0°
7°
0°
7°
L
0.020
0.030
0.50
0.75
H
Analog Outputs
The SPT5240 provides differential current outputs which
provide an output level based on the value of RSET at
maximum output code (see Figure 3). The required value of
RSET may be calculated using the formulas:
LSB = IFS/1023
Then:
RSET = 1.111 – (1000 • LSB)
4 • LSB
Where IFS is the desired full-scale current output.
Each output requires a minimum 5Ω load to analog ground.
The typical circuit utilizes 50Ω loads to develop voltage for
the output transformer (refer to EB5240 data sheet).
X indicates either data state.
Package Dimensions
LQFP-32
Figure 3: RSET vs. IOUT
Table 1: Input Data Format
Input Code D9 – D0
Analog Output
ION
IOP
0000000000
FS
0
1111111111
0
FS
Sleep XXXXXXXXXX
0
0
35
20
5
10
0
15
25
30
60.3
11.2
RSET Value (kΩ)
RSET Steps = 2.75kΩ



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com