Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SPT7720 Datasheet(PDF) 1 Page - Cadeka Microcircuits LLC.

Part # SPT7720
Description  8-BIT, 200 MSPS A/D CONVERTER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CADEKA [Cadeka Microcircuits LLC.]
Direct Link  http://www.cadeka.com
Logo CADEKA - Cadeka Microcircuits LLC.

SPT7720 Datasheet(HTML) 1 Page - Cadeka Microcircuits LLC.

  SPT7720 Datasheet HTML 1Page - Cadeka Microcircuits LLC. SPT7720 Datasheet HTML 2Page - Cadeka Microcircuits LLC. SPT7720 Datasheet HTML 3Page - Cadeka Microcircuits LLC. SPT7720 Datasheet HTML 4Page - Cadeka Microcircuits LLC. SPT7720 Datasheet HTML 5Page - Cadeka Microcircuits LLC. SPT7720 Datasheet HTML 6Page - Cadeka Microcircuits LLC. SPT7720 Datasheet HTML 7Page - Cadeka Microcircuits LLC. SPT7720 Datasheet HTML 8Page - Cadeka Microcircuits LLC. SPT7720 Datasheet HTML 9Page - Cadeka Microcircuits LLC. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
SPT7720
8-BIT, 200 MSPS A/D CONVERTER
TECHNICAL DATA
MAY 9, 2001
BLOCK DIAGRAM
GENERAL DESCRIPTION
The SPT7720 is an 8-bit, high-speed, analog-to-digital
converter implemented in a 0.5 µm BiCMOS process. It
utilizes a folding and interpolating architecture that pro-
vides both high sample rates and low power. The device
comes complete with a high bandwidth track-and-hold
amplifier and internal voltage reference.
The SPT7720 digital inputs interface directly to TTL,
CMOS or positive ECL (PECL) logic. The digital outputs
are user selectable in either single-channel or dual-chan-
nel modes. It is a pin-compatible, direct replacement for
the AD9054. The SPT7720 is available in a 44-lead TQFP
surface mount package over the industrial temperature
range of –40 to +85 °C.
FEATURES
• Pin-compatible with AD9054
• High conversion rate: 200 MSPS
• Less than ±1/2 LSB DLE
• 7.16 effective number of bits (ENOB) at 70 MHz
• Single +5 V power supply
• Internal THA and voltage reference
• Low power: 430 mW
• 500 MHz full-power bandwidth
•1V PP input range
• Single or demuxed TTL output ports
• 44-lead TQFP
APPLICATIONS
• Digital sampling oscilloscopes (DSO)
• RGB video processing
• Digital communications
• High-speed instrumentation
• Projection display systems
+
–
Quantizer
Binary
Encoder
Reference
Channel A
Channel B
Timing & Control
THA
AIN
AIN
ENCODE
ENCODE
DEMUX
DS
DS
DA7 – DA0
8
8
VREF IN
VREF OUT
DB7 – DB0


Similar Part No. - SPT7720

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SPT7720 ETC-SPT7720 Datasheet
96Kb / 10P
8-BIT, 200 MSPS A/D CONVERTER
SPT7720SIT ETC-SPT7720SIT Datasheet
96Kb / 10P
8-BIT, 200 MSPS A/D CONVERTER
More results

Similar Description - SPT7720

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9054 AD-AD9054 Datasheet
303Kb / 20P
8-Bit, 200 MSPS A/D Converter
REV.0
AD9054A AD-AD9054A Datasheet
332Kb / 19P
8-Bit, 200 MSPS A/D Converter
REV.B
AD9732 AD-AD9732 Datasheet
144Kb / 11P
10-Bit, 200 MSPS D/A Converter
REV.A
logo
fujitsu semiconductor
MB40C318 FUJITSU-MB40C318 Datasheet
173Kb / 16P
8-bit 140 MSPS A/D Converter
logo
List of Unclassifed Man...
SPT7720 ETC-SPT7720 Datasheet
96Kb / 10P
8-BIT, 200 MSPS A/D CONVERTER
logo
National Semiconductor ...
ADC08B200 NSC-ADC08B200 Datasheet
596Kb / 30P
8-Bit, 200 MSPS A/D Converter with Capture Buffer
ADC08B200 NSC-ADC08B200_1 Datasheet
657Kb / 32P
8-Bit, 200 MSPS A/D Converter with Capture Buffer
logo
Analog Devices
AD9054A AD-AD9054A_15 Datasheet
331Kb / 20P
8-Bit, 200 MSPS A/D Converter
REV. D
AD9732 AD-AD9732_15 Datasheet
148Kb / 11P
10-Bit, 200 MSPS D/A Converter
REV. A
logo
Texas Instruments
ADC08200 TI1-ADC08200 Datasheet
1Mb / 27P
8-Bit, 20 Msps to 200 Msps, Low Power A/D Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com