Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SPT7852SCT Datasheet(PDF) 7 Page - Cadeka Microcircuits LLC.

Part # SPT7852SCT
Description  DUAL 10-BIT, 20 MSPS, 160 mW A/D CONVERTER
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CADEKA [Cadeka Microcircuits LLC.]
Direct Link  http://www.cadeka.com
Logo CADEKA - Cadeka Microcircuits LLC.

SPT7852SCT Datasheet(HTML) 7 Page - Cadeka Microcircuits LLC.

Back Button SPT7852SCT Datasheet HTML 3Page - Cadeka Microcircuits LLC. SPT7852SCT Datasheet HTML 4Page - Cadeka Microcircuits LLC. SPT7852SCT Datasheet HTML 5Page - Cadeka Microcircuits LLC. SPT7852SCT Datasheet HTML 6Page - Cadeka Microcircuits LLC. SPT7852SCT Datasheet HTML 7Page - Cadeka Microcircuits LLC. SPT7852SCT Datasheet HTML 8Page - Cadeka Microcircuits LLC. SPT7852SCT Datasheet HTML 9Page - Cadeka Microcircuits LLC. SPT7852SCT Datasheet HTML 10Page - Cadeka Microcircuits LLC. SPT7852SCT Datasheet HTML 11Page - Cadeka Microcircuits LLC.  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
7
1/12/00
SPT7852
Table II – Timing Parameters Table
DESCRIPTION
PARAMETERS
MIN
TYP
MAX UNITS
Conversion Time
tc
2*tCLK
ns
Clock Period
tCLK
25
ns
Clock Duty Cycle
40
50
60
%
Output Delay
(15 pF Load)
tOD
11
ns
DAV Pulse Width
tDAV
tCLK
ns
Clock to DAV
td
15
ns
Data Set Up Time
tSet
22
Data Hold Time
tHold
28
1
12
3
4
Invalid
Valid
Clock In
Reset
Sampling Clock
(Internal)
Data Out
(Channel A)
Data Out
(Channel B)
Data Valid
Analog In
(Channel B)
2
3
4
5
6
7
8
9
10
11
Analog In
(Channel A)
Invalid
Valid
12
3
4
Figure 3 – Timing Diagram 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com