Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SPT7936 Datasheet(PDF) 8 Page - Cadeka Microcircuits LLC.

Part # SPT7936
Description  12-BIT, 28 MSPS SAMPLING A/D CONVERTER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CADEKA [Cadeka Microcircuits LLC.]
Direct Link  http://www.cadeka.com
Logo CADEKA - Cadeka Microcircuits LLC.

SPT7936 Datasheet(HTML) 8 Page - Cadeka Microcircuits LLC.

  SPT7936 Datasheet HTML 1Page - Cadeka Microcircuits LLC. SPT7936 Datasheet HTML 2Page - Cadeka Microcircuits LLC. SPT7936 Datasheet HTML 3Page - Cadeka Microcircuits LLC. SPT7936 Datasheet HTML 4Page - Cadeka Microcircuits LLC. SPT7936 Datasheet HTML 5Page - Cadeka Microcircuits LLC. SPT7936 Datasheet HTML 6Page - Cadeka Microcircuits LLC. SPT7936 Datasheet HTML 7Page - Cadeka Microcircuits LLC. SPT7936 Datasheet HTML 8Page - Cadeka Microcircuits LLC.  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
8
8/1/00
SPT7936
PIN ASSIGNMENTS
EXTREF
Digital input: Reference select.
EXTREF=1: Use external refer-
ence. Internal reference powered
down. EXTREF=0: Internal refer-
ence is used.
BIAS0, BIAS1
Digital inputs for maximum sam-
pling rate programming.
BIAS1=0, BIAS0=0:
Sleep mode (power save)
BIAS1=0, BIAS0=1: Max. 5 MHz sampling
BIAS1=1, BIAS0=0:
Max. 20 MHz sampling
(Default by internal pull up/pull down)
BIAS1=1, BIAS0=1:
Max. 28 MHz sampling
CLOCK
Clock input
CM
Common mode voltage output.
(1.5 V typ)
D11-DØ
Digital outputs ( MSB to LSB)
OR
Out-of-Range digital output. OR=1
indicates input out of range
VDD1
Analog power supply
VDD2
Digital power supply
GND
Analog Ground
N/C
No Connect Pins. Recommended
to connect to analog ground.
BGAP
Internal Bandgap Reference
Output: Bypass to ground for
normal operation.
PART NUMBER
TEMPERATURE RANGE
PACKAGE TYPE
SPT7936SCT
0 to +70
°C
44L TQFP
ORDERING INFORMATION
GND
CLK
GND
VDD2
VDD2
VDD2
VDD1
VDD1
VDD1
VREF–
VREF+
1
2
3
4
5
6
7
8
9
10
11
D10
D11
OR
GND
GND
GND
GND
GND
GND
GND
GND
33
32
31
30
29
28
27
26
25
24
23
PIN FUNCTIONS
Name
Function
VIN+, VIN-
Differential input signal pins.
VREF+, VREF-
Reference input pins. Bypass with
100 nF capacitors close to the pins.
See Application Information.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com