Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SPT9689 Datasheet(PDF) 4 Page - Cadeka Microcircuits LLC.

Part # SPT9689
Description  DUAL ULTRAFAST VOLTAGE COMPARATOR
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CADEKA [Cadeka Microcircuits LLC.]
Direct Link  http://www.cadeka.com
Logo CADEKA - Cadeka Microcircuits LLC.

SPT9689 Datasheet(HTML) 4 Page - Cadeka Microcircuits LLC.

  SPT9689 Datasheet HTML 1Page - Cadeka Microcircuits LLC. SPT9689 Datasheet HTML 2Page - Cadeka Microcircuits LLC. SPT9689 Datasheet HTML 3Page - Cadeka Microcircuits LLC. SPT9689 Datasheet HTML 4Page - Cadeka Microcircuits LLC. SPT9689 Datasheet HTML 5Page - Cadeka Microcircuits LLC. SPT9689 Datasheet HTML 6Page - Cadeka Microcircuits LLC. SPT9689 Datasheet HTML 7Page - Cadeka Microcircuits LLC. SPT9689 Datasheet HTML 8Page - Cadeka Microcircuits LLC.  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
4
2/20/01
SPT9689
SWITCHING TERMS (Refer to figure 1)
tpdH INPUT TO OUTPUT HIGH DELAY – the propaga-
tion delay measured from the time the input signal
crosses the reference (± the input offset voltage) to
the 50% point of an output LOW to HIGH transition
tpdL INPUT TO OUTPUT LOW DELAY – the propagation
delay measured from the time the input signal
crosses the reference (± the input offset voltage) to
the 50% point of an output HIGH to LOW transition
tpLOH LATCH ENABLE TO OUTPUT HIGH DELAY – the
propagation delay measured from the 50% point of
the Latch Enable signal LOW to HIGH transition to
the 50% point of an output LOW to HIGH transition
VOD VOLTAGE OVERDRIVE – the difference between
the differential input and reference input voltages
tpLOL LATCH ENABLE TO OUTPUT LOW DELAY – the
propagation delay measured from the 50% point of
the Latch Enable signal LOW to HIGH transition to
the 50% point of an output HIGH to LOW transition
tH
MINIMUM HOLD TIME – the minimum time after the
negative transition of the Latch Enable signal that
the input signal must remain unchanged in order to
be acquired and held at the outputs
tpL
MINIMUM LATCH ENABLE PULSE WIDTH – the
minimum time that the Latch Enable signal must be
HIGH in order to acquire an input signal change
tS
MINIMUM SET-UP TIME – the minimum time before
the negative transition of the Latch Enable signal
that an input signal change must be present in order
to be acquired and held at the outputs
GENERAL INFORMATION
The SPT9689 is an ultrahigh-speed dual voltage com-
parator. It offers tight absolute characteristics. The device
has differential analog inputs and complementary logic
outputs compatible with ECL systems. The output stage is
adequate for driving terminated 50 ohm transmission
lines.
The SPT9689 has a complementary latch enable control
for each comparator. Both should be driven by standard
ECL logic levels.
The negative common mode voltage is –2.5 V. The posi-
tive common mode voltage is +4.0 V.
The dual comparators share the same VCC and VEE con-
nections but have separate grounds for each comparator
to achieve high crosstalk rejection.
ECL
OUT
Q
Q
REF
1
REF
2
PRE
AMP
+
–
VIN
CLK
BUF
LATCH
VIN
VEE
GND
LE
LE
VCC
Figure 2 – Internal Function Diagram



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com