Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

L3926A Datasheet(PDF) 11 Page - STMicroelectronics

Part # L3926A
Description  SPEECH AND 14 MEMORY DIALER WITH LED DRIVER
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L3926A Datasheet(HTML) 11 Page - STMicroelectronics

Back Button L3926A Datasheet HTML 7Page - STMicroelectronics L3926A Datasheet HTML 8Page - STMicroelectronics L3926A Datasheet HTML 9Page - STMicroelectronics L3926A Datasheet HTML 10Page - STMicroelectronics L3926A Datasheet HTML 11Page - STMicroelectronics L3926A Datasheet HTML 12Page - STMicroelectronics L3926A Datasheet HTML 13Page - STMicroelectronics L3926A Datasheet HTML 14Page - STMicroelectronics L3926A Datasheet HTML 15Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
2.25K
470nF
22nF
GDTMF
22
23
VDD
IDD
6
PULSE
470K
4.0V
3.58MHz
5
OSC
7
MODE
SW2
PULSE
TONE
/PT
100K
8
HKS
9
SW1
GND
10
RXOUT
11
GRX
RGRX
10
µF
Re
13
IREF
3.6K
14
VCC
100
µF
12
RGIN
620
Ω
100nF
4
3
2
1
C4
C3
C2
C1
28
27
26
25
R1
R2
R3
R4
24
R5
E1 E2 E3 MEM
* 0#
789
456
123
P/LND
PROG
FLASH
21
MIC+
20
MIC-
2.2K
1
µF
1
µF
RGTX 88K
GTX
19
4.7
µF
18
REG
17
16
15
ILED
LN
LED
ILINE
130K
390
Ω
20
Ω
390
Ω
3.9K
D95TL166
VLN
600
Ω
IL
100
µF
GDTMF=20log
VLN
VMF
100K
300
Ω
CDTMF=20log
Vear
VLN
VMF
Vear
RDTMF
TEST CIRCUITS(continued)
Figure 7.
2.25K
470nF
22nF
GDTMF
22
23
VDD
IDD
6
PULSE
470K
4.0V
3.58MHz
5
OSC
7
MODE
SW2
PULSE
TONE
/PT
100K
8
HKS
9
SW1
GND
10
RXOUT
11
GRX
RGRX
10
µF
Re
13
IREF
3.6K
14
VCC
100
µF
12
RGIN
620
Ω
100nF
4
3
2
1
C4
C3
C2
C1
28
27
26
25
R1
R2
R3
R4
24
R5
E1 E2 E3 MEM
* 0#
78
9
45
6
12
3
P/LND
PROG
FLASH
21
MIC+
20
MIC-
2.2K
1
µF
1
µF
RGTX
GTX
19
4.7
µF
18
REG
17
16
15
ILED
LN
LED
ILINE
130K
390
Ω
20
Ω
390
Ω
3.9K
D95TL167
VLN
IL
100
µF
GRX=20log
Vear
Vinp
NRX with Vin=0
Vinp
Vear
RP
Figure 8.
L3916A - L3926A - L3936A
11/15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com