Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TMC2330A Datasheet(PDF) 13 Page - Cadeka Microcircuits LLC.

Part # TMC2330A
Description  Coordinate Transformer 16 x 16 Bit, 40 MOPS
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CADEKA [Cadeka Microcircuits LLC.]
Direct Link  http://www.cadeka.com
Logo CADEKA - Cadeka Microcircuits LLC.

TMC2330A Datasheet(HTML) 13 Page - Cadeka Microcircuits LLC.

Back Button TMC2330A Datasheet HTML 9Page - Cadeka Microcircuits LLC. TMC2330A Datasheet HTML 10Page - Cadeka Microcircuits LLC. TMC2330A Datasheet HTML 11Page - Cadeka Microcircuits LLC. TMC2330A Datasheet HTML 12Page - Cadeka Microcircuits LLC. TMC2330A Datasheet HTML 13Page - Cadeka Microcircuits LLC. TMC2330A Datasheet HTML 14Page - Cadeka Microcircuits LLC. TMC2330A Datasheet HTML 15Page - Cadeka Microcircuits LLC. TMC2330A Datasheet HTML 16Page - Cadeka Microcircuits LLC. TMC2330A Datasheet HTML 17Page - Cadeka Microcircuits LLC. Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 18 page
background image
TMC2330A
PRODUCT SPECIFICATION
REV. 1.1.8 10/31/00
13
Equivalent Circuits
Figure 3. Equivalent Input Circuit
Figure 4. Equivalent Output Circuit
Digital
Input
VDD
p
n
GND
VDD
p
n
GND
Digital
Output
Figure 5. Transition Levels for Three-State Measurements
2.0V
0.8V
tDIS
tENA
Three-State
Outputs
OERX, OEPY
High Impedance
0.5V
0.5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com