Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MX1J10RE-R58 Datasheet(PDF) 1 Page - Ohmite Mfg. Co.

Part # MX1J10RE-R58
Description  Metal Oxide Resistors 5% Tolerance RoHS Compliant
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OHMITE [Ohmite Mfg. Co.]
Direct Link  http://www.ohmite.com
Logo OHMITE - Ohmite Mfg. Co.

MX1J10RE-R58 Datasheet(HTML) 1 Page - Ohmite Mfg. Co.

  MX1J10RE-R58 Datasheet HTML 1Page - Ohmite Mfg. Co.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Ohmite Mfg. Co. 1600 Golf Rd., Suite 850, Rolling Meadows, IL 60008 • Tel. 1-866-9-OHMITE • Fax 1-847-574-7522 • www.ohmite.com • info@ohmite.com
Ohmite Mfg. Co. 1600 Golf Rd., Suite 850, Rolling Meadows, IL 60008 • Tel. 1-866-9-OHMITE • Fax 1-847-574-7522 • www.ohmite.com • info@ohmite.com
S T A N D A R D P A R T N U M B E R S F O R S T A N D A R D R E S I S T A N C E V A L U E S
Wattage
Part No.
Prefix 
Suffix
Wattage
Part No.
Prefix 
Suffix
Wattage
Part No.
Prefix 
Suffix
Wattage
Part No.
Prefix 
Suffix
O R D E R I N G I N F O R M A T I O N
L
D
28mm
± 3
(38mm on MX5)
MX Series
Metal Oxide Resistors
5% Tolerance
RoHS Compliant
Dimensions (in. / mm)
Lead Dia.
Series Wattage Ohms
Max. Length
Max. Diam. Voltage (mm)
MX1
1
0.30-50K 0.394 / 10.0
0.158 / 4.0
350
0.70
MX2
2
0.30-50K 0.472 / 12.0
0.197 / 5.0
350
0.70
MX3
3
5-100K
0.630 / 16.0
0.217 / 5.5
350
0.80
MX5
5
5-150K
0.985 / 25.0
0.315 / 8.0
500
0.80
The MX Series Metal Oxide
Resistors provide stable per-
formance at low cost across a
wide resistance range. They
can be used as a substitute for
wirewounds when short time
overloads are limited to 2.5
times rated power, and when
higher TCRs can be tolerated.
F E A T U R E S
• Economical
• High power density
• Flame retardant coating
• Wide resistance range
• Quantity per reel:
MX1 = 2500
MX2 = 2500
MX3 = 1000
MX5 = 500 (bulk only)
S P E C I F I C A T I O N S
Material
Coating: Flame retardant silicone
Core: High purity ceramic.
Terminals: Solder-coated axial
lead.
Electrical
Max overload voltage:
MX1, MX2 and MX3: 600 V
MX5: 800V
Derating: Linearly from 100% @
+70°C to 0% @ 155°C
Temperature coefficient:
±350 ppm/°C
Dielectric withstanding voltage:
MX1 and MX2: 350V
MX3 and MX5: 500V
0.39 –––R39
0.47 –––R47
0.56 –––R56
0.75 –––R75
1.0
–––1R0
1.5
–––1R5
2.0
–––2R0
2.2
–––2R2
2.7
–––2R7
3.0
–––3R0
3.6
–––3R6
4.7
–––4R7
5.6
–––5R6
6.8
–––6R8
7.5
–––7R5
8.2
–––8R2
10.0
–––10R
15.0
–––15R
20.0
–––20R
22.0
–––22R
27.0
–––27R
30.0
–––30R
36.0
–––36R
47.0
–––47R
56.0
–––56R
68.0
–––68R
75.0
–––75R
82.0
–––82R
100
–––100
150
–––150
200
–––200
220
–––220
270
–––270
300
–––300
360
–––360
470
–––470
560
–––560
680
–––680
750
–––750
820
–––820
1,000
–––1K0
1,500
–––1K5
2,000
–––2K0
2,200
–––2K0
2,700
–––2K7
3,000
–––3K0
3,600
–––3K6
3,900
–––3K9
4,700 –––4K7
5,600 –––5K6
6,800 –––6K8
7,500 –––7K5
8,200 –––8K2
10,000 –––10K
15,000 –––15K
20,000 –––20K
22,000 –––22K
27,000 –––27K
30,000 –––30K
36,000 –––36K
47,000 –––47K
56,000 –––56K
68,000 –––68K
82,000 –––82K
100,000 –––100K
S P E C I F I C A T I O N S
General Specifications
MX1
MX2
MX3
MX5
Power Rating @ 70°C
1W
2W
3W
5W
Power Derating
Linearly from 100% @ +70°C to 0% @ + 155°C
Temperature Coefficient
±350 ppm / °C
Operating Temperature
-55°C to +155°C
Max. Working Voltage
350
350
350
500
Max. Overload Voltage
600
600
600
800
Dielectric Withstanding Voltage
350
350
500
500
Resistance Range (Ω)
0.3-50KΩ 0.3-50KΩ
0.3-50KΩ 5.0Ω-150KΩ
Dimensions (in./mm)
L (max.)
0.394/10.0
0.472/12.0 0.630/16.0
0.984/25.0
D (max.)
0.157/4.0
0.197/5.0
0.217/5.5
0.315/8.0
Lead dia. +0.0008/0.02
0.027/0.7
0.027/0.7
0.031/0.8
0.031/0.8
-0.002/0.05
Note: Extended resistance range to 1MΩ available by special request.
Packaging Code
R58 = 58mm axial Tape & Reel
R52 = 52mm axial Tape & Reel
A = Tape & Ammo Pac
� � � � � � � � � � � �
Ohms
< 1.0 ohm = Rxx
1.0 ohm = 1R0
10 ohm = 10R
100 ohm = 100
1000 ohm = 1K0
10,000 ohm = 10K
100,000 ohm = 100K
Tolerance
J = 5%
K = 10%
Series
MX1 = 1W
MX2 = 2W
MX3 = 3W
MX5 = 5W
RoHS Compliant
This product has been
DISCONTINUED


Similar Part No. - MX1J10RE-R58

ManufacturerPart #DatasheetDescription
logo
Chauvin Arnoux Metrix
MX1 CHAUVINARNOUX-MX1 Datasheet
9Mb / 126P
Multimeters, clamps, testers and laboratory instruments
logo
Japan Aviation Electron...
MX10-4PC-SH JAE-MX10-4PC-SH Datasheet
50Kb / 2P
Air Bag 040 Contact Connectors
MX10-4PCR JAE-MX10-4PCR Datasheet
50Kb / 2P
Air Bag 040 Contact Connectors
MX10-4SC JAE-MX10-4SC Datasheet
51Kb / 2P
Air Bag 040 Contact Connectors
MX10-4SCR JAE-MX10-4SCR Datasheet
51Kb / 2P
Air Bag 040 Contact Connectors
More results

Similar Description - MX1J10RE-R58

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
CCF50 VISHAY-CCF50 Datasheet
99Kb / 2P
Metal Film Resistors, Industrial, 1%, 5% Tolerance
19-Aug-04
logo
Willow Technologies Ltd
MOF WILLOW-MOF Datasheet
87Kb / 2P
METAL OXIDE FILM RESISTORS
logo
IRC - a TT electronics ...
MO-11001JLF IRCTT-MO-11001JLF Datasheet
459Kb / 1P
METAL OXIDE RESISTORS
logo
Panasonic Semiconductor
ERG-1SJ683A PANASONIC-ERG-1SJ683A Datasheet
169Kb / 7P
Metal Oxide Film Resistors
ERG-2SJ100A PANASONIC-ERG-2SJ100A Datasheet
169Kb / 7P
Metal Oxide Film Resistors
ERG-12SJ103 PANASONIC-ERG-12SJ103 Datasheet
172Kb / 7P
Metal (Oxide) Film Resistors
ERG-1SJ101E PANASONIC-ERG-1SJ101E Datasheet
172Kb / 7P
Metal (Oxide) Film Resistors
ERG-2SJ123 PANASONIC-ERG-2SJ123 Datasheet
172Kb / 7P
Metal (Oxide) Film Resistors
ERG-1SJ153A PANASONIC-ERG-1SJ153A Datasheet
172Kb / 7P
Metal (Oxide) Film Resistors
ERX-2SJR56A PANASONIC-ERX-2SJR56A Datasheet
172Kb / 7P
Metal (Oxide) Film Resistors
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com