Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

110C1-433A Datasheet(PDF) 5 Page - rfsolutions.ltd

Part # 110C1-433A
Description  KEELOQ REMOTE CONTROL SYSTEMS, 12 / 24Vdc,
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFSOLUTIONS [rfsolutions.ltd]
Direct Link  http://www.rfsolutions.co.uk
Logo RFSOLUTIONS - rfsolutions.ltd

110C1-433A Datasheet(HTML) 5 Page - rfsolutions.ltd

  110C1-433A Datasheet HTML 1Page - rfsolutions.ltd 110C1-433A Datasheet HTML 2Page - rfsolutions.ltd 110C1-433A Datasheet HTML 3Page - rfsolutions.ltd 110C1-433A Datasheet HTML 4Page - rfsolutions.ltd 110C1-433A Datasheet HTML 5Page - rfsolutions.ltd  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
DS118-5
Oct. 07
©
2006 REG No 277 4001, ENGLAND.
Page 5
118, 128,
10208
KEELOQ REMOTE CONTROL SYSTEMS, 12 / 24Vdc,
Technical Specifications
‘110’ & ‘120’ Transmitter Keyfob
Battery Type
GP23AE (supplied)
Electrical Characteristics
Min
Typical
Max
Units
Supply Voltage
8.5
9
16
V
Supply Current : Quiescent
0
mA
Supply Current : Transmitting
8
mA
Operating frequency
433.92
MHz
‘102’ Transmitter Encoder
Battery Type
PP3 (supplied)
Dimensions
110mm x 65mm x 24mm
Electrical Characteristics
Min
Typical
Max
Units
Supply Voltage
8
9
12
V
Supply Current
11
14
21
mA
Frequency:
Wideband
Narrowband
432.90
434.450
433.920
434.525
434.10
434.600
MHz
MHz
RF Output Power (ERP) @ 433 MHz
-
10
mW
‘008, 118’ Receiver Decoder
Dimensions
110mm (not including antenna) x 85mm x 35mm
Storage Temperature; -10 to +70
o Celsius.
Operating Temperature; 0 to +55
o Celsius.
ELECTRICAL CHARACTERISTICS
MIN
TYPICAL
MAX
DIMENSION
Supply Voltage for +12 v
10
12.0
16
V
Supply Voltage for +24 v
22
24.0
28
V
Supply Current :
Quiescent
all relays operating*
19
100
mA
Time delay from Tx on Switch to Rx Relay operation
100
mS
Time delay from Tx sw relax to Rx Relay release
300
MS
*The relay contacts in this unit are for functional use only and must not be used for isolation purposes
R F Solutions Ltd.,
Unit 21, Cliffe Industrial Estate,
Lewes, E. Sussex. BN8 6JL. England.
Email : sales@rfsolutions.co.uk
http://www.rfsolutions.co.uk/
Tel: +44 (0)1273 898 000
Fax: +44 (0)1273 480 661
RF Solutions is a member of the Low Power Radio Association.
Information contained in this document is believed to be accurate, however no representation or warranty is given and no liability is assumed by R.F. Solutions Ltd. with respect to the accuracy of
such information. Use of R.F.Solutions as critical components in life support systems is not authorised except with express written approval from R.F.Solutions Ltd.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com