Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

215 Datasheet(PDF) 4 Page - rfsolutions.ltd

Part # 215
Description  Modular Radio Telemetry System
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFSOLUTIONS [rfsolutions.ltd]
Direct Link  http://www.rfsolutions.co.uk
Logo RFSOLUTIONS - rfsolutions.ltd

215 Datasheet(HTML) 4 Page - rfsolutions.ltd

  215 Datasheet HTML 1Page - rfsolutions.ltd 215 Datasheet HTML 2Page - rfsolutions.ltd 215 Datasheet HTML 3Page - rfsolutions.ltd 215 Datasheet HTML 4Page - rfsolutions.ltd 215 Datasheet HTML 5Page - rfsolutions.ltd 215 Datasheet HTML 6Page - rfsolutions.ltd 215 Datasheet HTML 7Page - rfsolutions.ltd 215 Datasheet HTML 8Page - rfsolutions.ltd 215 Datasheet HTML 9Page - rfsolutions.ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
DS200-11 March ’06
©2005 RF Solutions Ltd, www.rfsolutions.co.uk
Page 4
Tel 01273 898000 Fax 01273 480661
Modular Radio Telemetry System
200 Series
1 Configuring a Remote Telemetry System
(200Tx/201Tx -> 210Rx)
There are three Steps:
1. Pre-Configure the 200 or 201 series transmitter
2. Pre- Configure the 210Rx to operate with a 200 or 201 series transmitter
3. Marry a 200/201Tx to a 210Rx
1.1
Pre-Configure a 200/201 Transmitter Encoder
1.
Mapping the 200/201 Transmitter Inputs to the 210 Receiver Outputs
The Remote telemetry system automatically maps the 8 transmitter input channels to 8 receiver output
channels. The ‘8/15’ option link on the transmitter allows selection of channels 1-8 or 9-15 on the receiver.
2.
Enable Option Links (ENABLE 1-8)
The 200 and 201 Transmitters have eight ‘Enable’ Option links which must be fitted in order for the
corresponding input to be valid (otherwise the 210Tx will ignore it). This enables applications where many
transmitters are used with a single 210Rx (many to one relationship)
3.
Auto Transmit with Watchdog Mode ‘Auto Tx’
When the ‘Auto Tx’ link is made, the 200/201 Tx automatically transmits its data once within every 5
second period, in addition, channel 16 is allocated as a ‘system watchdog‘. As long as the 210Rx
continues to receive this signal then output ‘16’ is held ON. If for any reason (fault or RF interference) the
signal is not received for approx 20secs then output ‘16’ will drop out.
200/201 Tx Option Link
210 Rx output Channels
Open
1 – 8
Connected
9 – 15



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com