Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

216 Datasheet(PDF) 2 Page - rfsolutions.ltd

Part # 216
Description  Modular Radio Telemetry System
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFSOLUTIONS [rfsolutions.ltd]
Direct Link  http://www.rfsolutions.co.uk
Logo RFSOLUTIONS - rfsolutions.ltd

216 Datasheet(HTML) 2 Page - rfsolutions.ltd

  216 Datasheet HTML 1Page - rfsolutions.ltd 216 Datasheet HTML 2Page - rfsolutions.ltd 216 Datasheet HTML 3Page - rfsolutions.ltd 216 Datasheet HTML 4Page - rfsolutions.ltd 216 Datasheet HTML 5Page - rfsolutions.ltd 216 Datasheet HTML 6Page - rfsolutions.ltd 216 Datasheet HTML 7Page - rfsolutions.ltd 216 Datasheet HTML 8Page - rfsolutions.ltd 216 Datasheet HTML 9Page - rfsolutions.ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
DS200-11 March ’06
©2005 RF Solutions Ltd, www.rfsolutions.co.uk
Page 2
Tel 01273 898000 Fax 01273 480661
Modular Radio Telemetry System
200 Series
Transmitters
8 Input Channels
Volt Free contact Inputs via Screw Terminals
12 / 24Vdc Supply
Low Power Battery Version
200 Transmitter:
Standard transmitter
201 Transmitter:
Low Power Transmitter . (Designed for battery powered applications)
Part Number
Description
Range**
(Metres)
Freq
(MHz)
Compatible
Decoders
200-433FR
FM Transmitter
200
433.92
210-433F
200-525NR
FM Narrow Band Transmitter
1,000
434.525
210-525N
200-458FR
FM High Power Transmitter
6,000
458.850
210-458F
201-525NR
FM Narrow Band Transmitter
1,000
434.525
210- 525N
201-458FR
FM High Power Transmitter
6,000
458.850
210-458F
Receivers
16 Output Channels
Volt Free contact Inputs via Screw Terminals
12 / 24Vdc Supply
Low Power Battery Version
Part Number
Description
Range**
(Metres)
Freq
(MHz)
Compatible
Transmitter
210-433FR
FM Receiver
200
433.92
200/201-433F
210-525NR
FM Narrow Band Receiver
1,000
434.525
200/201-525N
210-458FR
FM High Power REceiver
6,000
458.850
200/201-458F
Output Modules
Connect Directly to 210 Rx
(Cable Supplied)
no power connections required
Part Number
Description
No of
Outputs
Max Switching
(per output)
211
Darlington Driver Outputs
16
0.5A @ 50V (Overall total 1A)
215
Relay Module
8
5A @230Vac
216
Relay Module
4
5A @230Vac
230
Relays Module
4
30A @230Vac



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com