Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

EMOD Datasheet(PDF) 1 Page - rfsolutions.ltd

Part # EMOD
Description  Waterproof Radio Remote Controls
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFSOLUTIONS [rfsolutions.ltd]
Direct Link  http://www.rfsolutions.co.uk
Logo RFSOLUTIONS - rfsolutions.ltd

EMOD Datasheet(HTML) 1 Page - rfsolutions.ltd

  EMOD Datasheet HTML 1Page - rfsolutions.ltd EMOD Datasheet HTML 2Page - rfsolutions.ltd EMOD Datasheet HTML 3Page - rfsolutions.ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
A
A
DS-EMOD-3 Oct ’07
©2007 RF Solutions Ltd, www.rfsolutions.co.uk
Page 1
Tel 01273 898000 Fax 01273 480661
EMOD
Waterproof Radio Remote Controls
Series
Part Numbering
Part No
Description
EMOD204S4-433F
Remote Control System, 4 Channels, 433MHz, 100m Range*
EMOD120S3-433F
Pocket Keyfob Remote Control System, 3 Channels, 433MHz, 100m Range*
**Range stated is optimum, direct line of sight. In worst conditions this can be reduced by over 50%
•
Remote Control System 1 or 4 channels
•
Waterproof Receiver IP68
•
Relay outputs 30A@230Vac
•
433MHz FM operation for reliable long range
performance
•
Spade connections to Relay outputs
•
Easy Learn Transmitters
•
Applications
•
Garden Light
•
Floodlights
•
Access Control
•
Outside Remote Control
The EMOD range are ready to operate general purpose remote control systems using a highly
secure transmission protocol for reliable operation.
Each system comprises of a matched transmitter and receiver. The receiver is a completely
waterproof resin module. Connections are easy with spade terminals for the relay contacts and
wire leads for power.
Each system is supplied ready to operate. Additional transmitters may be added using the
receivers ‘easy Learn‘ procedure.
EMOD 204


Similar Description - EMOD

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ST699 ETC1-ST699 Datasheet
275Kb / 2P
HEATING CONTROLS
logo
rfsolutions.ltd
FIREFLY-S1 RFSOLUTIONS-FIREFLY-S1 Datasheet
1Mb / 6P
RADIO REMOTE CONTROL SYSTEMS
logo
Bourns Electronic Solut...
PTE BOURNS-PTE Datasheet
38Kb / 3P
Panel Controls
PDV BOURNS-PDV Datasheet
31Kb / 2P
Panel Controls
logo
Keysight Technologies
E6610A KEYSIGHT-E6610A Datasheet
1Mb / 8P
Remote Radio Head Test, Reference Solution
N5121A KEYSIGHT-N5121A Datasheet
1Mb / 12P
Remote Radio Head Tester E6610A
N5122A KEYSIGHT-N5122A Datasheet
1Mb / 12P
Remote Radio Head Tester
logo
OmniVision Technologies...
OV2735 OMNIVISION-OV2735 Datasheet
832Kb / 2P
programmable controls
logo
Littelfuse
ALT-XXX-1-SW LITTELFUSE-ALT-XXX-1-SW Datasheet
262Kb / 2P
Pump Controls and Liquid Level Controls
2016 Rev: 1-A-062716
SC3 LITTELFUSE-SC3 Datasheet
296Kb / 2P
Sequencing Controls
2016 Rev: 1-A-062316
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com