Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

RFN55C Datasheet(PDF) 1 Page - Micronetics, Inc.

Part # RFN55C
Description  FULLBAND HIGH ENR MICROWAVE NOISE SOURCES
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONETICS [Micronetics, Inc.]
Direct Link  http://www.micronetics.com
Logo MICRONETICS - Micronetics, Inc.

RFN55C Datasheet(HTML) 1 Page - Micronetics, Inc.

  RFN55C Datasheet HTML 1Page - Micronetics, Inc. RFN55C Datasheet HTML 2Page - Micronetics, Inc. RFN55C Datasheet HTML 3Page - Micronetics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
MICRONETICS / 26 HAMPSHIRE DRIVE / HUDSON, NH 03051 / TEL: 603-883-2900 / FAX: 603-882-8987
WEB: WWW.MICRONETICS.COM
D
D ESCRIPTION
ESCRIPTION
Micronetics line of fullband noise
sources are specially designed for built-
in test and calibration where there is
significant path loss between the noise
source and the device.
This family of high output fullband noise
sources with their compact size are spe-
cially designed for ease of integration
into microwave systems.
With their rugged and stable design, the
heart of these noise sources is a small
chip and wire hermetic noise module.
This is embedded in the housing with a
precision launch to the coaxial jack.
This design gives is much more stable
and rugged than traditional coaxial
noise sources which rely on pill pack-
aged diodes and beryllium copper bel-
low assemblies which are not only are
less reliable, but use hazardous materi-
als.
C
C ONFIGURABLE
ONFIGURABLE T
T O
O YOUR
YOUR
REQUIREMENTS
REQUIREMENTS
Micronetics fullband noise sources are
based on a coaxial design as the base
part. As standard options, noise
sources can be ordered with either
• Coaxial Isolator
• Waveguide Output
• Waveguide Isolator
S
S PECIFICA
PECIFICATIONS
TIONS
-Operating Temp:
-40 to +85oC
-Storage Temp:
-65 to +125oC
-Supply Voltage:
+15V +/- 1.5V
-Current Draw:
@ 200 mA (Max)
-Output Impedance: 50 ohm
-Peak Factor:
5:1
RF OUTPUT
MODEL
FREQUENCY
EXCESS NOISE
FLATNESS
RATIO (dB)
RFN55L
1.0 to 2.0 GHz
55(MIN)
2.0 dB P-P
RFN55S
2.0 to 4.0 GHz
55(MIN)
2.0 dB P-P
RFN55C
4.0 to 8.0 GHz
55(MIN)
2.0 dB P-P
RFN55C1
3.95 to 5.85 GHz
55(MIN)
2.0 dB P-P
RFN55C2
5.85 to 8.20 GHz
55(MIN)
2.0 dB P-P
RFN55X
8.0 to 12.4 GHz
55(MIN)
4.0 dB P-P
W
WA
AVEGUIDE
VEGUIDE
C
C HART
HART
MODEL
FREQUENCY
WAVEGUIDE
RFN55C1
3.95 to 5.85GHz
WR-187
RFN55C2
5.85 to 8.20GHz
WR-137
RFN55X
8.20 to 12.4GHz
WR-90
C
C OMMON
OMMON
A
A PPLICA
PPLICATIONS
TIONS
Radar Built-in Test/Calibration; where there is significant path loss between the noise
source and the receiver. For example, a 30dB coupler can be used to feed the test
noise signal into the receiver which minimized noise figure while still allowing 25 dB
ENR.
Jamming Systems; these high output devices, when used in conjunction with power
amplifiers, offer an efficient means to jam RF/microwave signals.
Antennal Calibration; high output noise can be used for antenna calibration to counter
the effects of over-the-air transmission loss.
FULLBAND HIGH ENR MICROWAVE NOISE SOURCES
S, C AND X BANDS
6.2008
FULLBAND O UTPUT C HARACTERISTICS
FOR U SE IN SYSTEMS


Similar Part No. - RFN55C

ManufacturerPart #DatasheetDescription
logo
Rohm
RFN5B2S ROHM-RFN5B2S Datasheet
1Mb / 5P
Super Fast Recovery Diode
RFN5B6S ROHM-RFN5B6S Datasheet
339Kb / 5P
Super Fast Recovery Diode
RFN5BGE2S ROHM-RFN5BGE2S Datasheet
1Mb / 7P
Super Fast Recovery Diode
2020/03/10_Rev.001
RFN5BGE3S ROHM-RFN5BGE3S Datasheet
1Mb / 8P
Super Fast Recovery Diode
RFN5BGE6S ROHM-RFN5BGE6S Datasheet
1Mb / 7P
Super Fast Recovery Diode
More results

Similar Description - RFN55C

ManufacturerPart #DatasheetDescription
logo
Clare, Inc.
TN-46 CLARE-TN-46 Datasheet
90Kb / 5P
MICROWAVE NOISE TUBES & NOISE SOURCES
logo
Micronetics, Inc.
RFN25L MICRONETICS-RFN25L Datasheet
517Kb / 2P
FULLBAND CALIBRATED MICROWAVE NOISE SOURCES
NSL2 MICRONETICS-NSL2 Datasheet
452Kb / 2P
BROADBAND COAXIAL MICROWAVE NOISE SOURCES
NMA2218-A1T MICRONETICS-NMA2218-A1T Datasheet
182Kb / 2P
Broadband Microwave Coaxial Noise Sources 1 GHz to 18 GHz
NSL2-B MICRONETICS-NSL2-B Datasheet
52Kb / 2P
Broadband Microwave Coaxial Noise Sources 1 MHz to 1000 MHz
NSL2L-A MICRONETICS-NSL2L-A Datasheet
52Kb / 2P
Broadband Microwave Coaxial Noise Sources 1 MHz to 1000 MHz
NST18L-B MICRONETICS-NST18L-B Datasheet
164Kb / 2P
Broadband Microwave Coaxial Noise Sources 10 MHz to 18 GHz
RFN25K MICRONETICS-RFN25K Datasheet
497Kb / 2P
Fullband Microwave Noise Sources 18 GHz to 26.5 GHz
RFN25L MICRONETICS-RFN25L Datasheet
115Kb / 2P
Fullband Microwave Noise Sources 1 GHz to 2 GHz
RFN25S MICRONETICS-RFN25S Datasheet
92Kb / 2P
Fullband Microwave Noise Sources 2 GHz to 4 GHz
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com