Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

320JS002M16 Datasheet(PDF) 1 Page - Glenair, Inc.

Part # 320JS002M16
Description  Extender Backshell
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GLENAIR [Glenair, Inc.]
Direct Link  http://www.glenair.com
Logo GLENAIR - Glenair, Inc.

320JS002M16 Datasheet(HTML) 1 Page - Glenair, Inc.

  320JS002M16 Datasheet HTML 1Page - Glenair, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
www.glenair.com
E-Mail: sales@glenair.com
Series 32 - Page 3
GLENAIR, INC. • 1211 AIR WAY • GLENDALE, CA 91201-2497 • 818-247-6000 • FAX 818-500-9912
© 2005 Glenair, Inc.
Printed in U.S.A.
CAGE Code 06324
320-002
Extender Backshell
Standard Profile - Direct Coupling - Straight Only
1. Metric dimensions (mm) are indicated in parentheses.
2. When using Connector Designator B refer to pages 18
and 19 for part number development.
320 F S 002 M 16-3
Product Series
Connector Designator
Angle and Profile
S = Straight
Basic Part No.
Length (1/2 inch increments:
e.g. 3 = 1.5 inches) Minimum
order length 1.5 inches
Shell Size (Table I)
Finish (Table II)
Length
± .060 (1.52)
A Thread, Class 2B
(Table I)
A Thread
Class 2A
(Table I)
B
(Table I)
See inside back cover
fold-out or pages 13 and
14 for unabridged
Tables I and II.
CONNECTOR
DESIGNATORS
A-B*-C-D-E-F
G-H-J-K-L-S
* Conn. Desig. B See Note 2
DIRECT
COUPLING
TABLE II : STANDARD FINISHES
GLENAIR
SYMBOL
B
C
G
M
NF
FINISH
Cadmium Plate, Olive Drab
Anodize, Black
Hard Coat, Anodic
Electroless Nickel
Cadmium Plate, Olive Drab Over
Electroless Nickel
See Back Cover for Complete Finish Information
and Additional Finish Options


Similar Part No. - 320JS002M16

ManufacturerPart #DatasheetDescription
logo
DB Lectro Inc
320 DBLECTRO-320 Datasheet
323Kb / 1P
SCREW TYPE SERIES
logo
Semikron International
320 SEMIKRON-320 Datasheet
370Kb / 3P
Rectifier Diode
logo
Intel Corporation
320 INTEL-320 Datasheet
1Mb / 82P
Celeron D Processor
logo
E-SWITCH
320 E-SWITCH-320 Datasheet
327Kb / 3P
TACT SWITCHES
logo
Oscilent Corporation
320 OSCILENT-320 Datasheet
143Kb / 3P
Clock Oscillators
More results

Similar Description - 320JS002M16

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
320AL001M08 GLENAIR-320AL001M08 Datasheet
75Kb / 1P
Extender Backshell
327AT060XM08 GLENAIR-327AT060XM08 Datasheet
296Kb / 2P
Extender Backshell
527297B GLENAIR-527297B Datasheet
117Kb / 1P
Split Backshell
527P303B GLENAIR-527P303B Datasheet
136Kb / 2P
Split Backshell
IT101393-123 GLENAIR-IT101393-123 Datasheet
456Kb / 2P
Extender Backshell for Plug Connectors
189-037 GLENAIR-189-037 Datasheet
240Kb / 2P
Environmental Backshell
377-014 GLENAIR-377-014 Datasheet
1Mb / 2P
Composite Backshell
logo
Generalplus Technology ...
GPBA01B GENERALPLUS-GPBA01B Datasheet
524Kb / 29P
Bus Extender
logo
Mini-Circuits
FX-30G-RC MINI-FX-30G-RC Datasheet
988Kb / 10P
Frequency Extender
Rev. OR
FX-30GHP-RC MINI-FX-30GHP-RC Datasheet
948Kb / 10P
Frequency Extender
Rev. A
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com