Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PS9552L2-AX Datasheet(PDF) 15 Page - NEC

Part # PS9552L2-AX
Description  2.5 A OUTPUT CURRENT, HIGH CMR IGBT GATE DRIVE PHOTOCOUPLER 8-PIN DIP PHOTOCOUPLER
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

PS9552L2-AX Datasheet(HTML) 15 Page - NEC

Back Button PS9552L2-AX Datasheet HTML 11Page - NEC PS9552L2-AX Datasheet HTML 12Page - NEC PS9552L2-AX Datasheet HTML 13Page - NEC PS9552L2-AX Datasheet HTML 14Page - NEC PS9552L2-AX Datasheet HTML 15Page - NEC PS9552L2-AX Datasheet HTML 16Page - NEC PS9552L2-AX Datasheet HTML 17Page - NEC PS9552L2-AX Datasheet HTML 18Page - NEC PS9552L2-AX Datasheet HTML 19Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 22 page
background image
Data Sheet PN10589EJ06V0DS
15
PS9552,PS9552L1,PS9552L2,PS9552L3
TAPING SPECIFICATIONS (UNIT: mm)
2.05±0.05
2.0±0.1
4.0±0.1
10.7±0.1
12.0±0.1
1.5
+0.1
–0
4.5 MAX.
4.1±0.1
0.3±0.05
Tape Direction
PS9552L2-E3
Outline and Dimensions (Tape)
Outline and Dimensions (Reel)
Packing: 1 000 pcs/reel
2.0±0.5
13.0±0.2
R 1.0
21.0±0.8
2.0±0.5
23.9 to 27.4
Outer edge of
flange
25.5±1.0
29.5±1.0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com