Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TK71528ASCL/28 Datasheet(PDF) 14 Page - TOKO, Inc

Part # TK71528ASCL/28
Description  LOW DROPOUT VOLTAGE REGULATOR
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOKO [TOKO, Inc]
Direct Link  http://www.toko.com
Logo TOKO - TOKO, Inc

TK71528ASCL/28 Datasheet(HTML) 14 Page - TOKO, Inc

Back Button TK71528ASCL/28 Datasheet HTML 7Page - TOKO, Inc TK71528ASCL/28 Datasheet HTML 8Page - TOKO, Inc TK71528ASCL/28 Datasheet HTML 9Page - TOKO, Inc TK71528ASCL/28 Datasheet HTML 10Page - TOKO, Inc TK71528ASCL/28 Datasheet HTML 11Page - TOKO, Inc TK71528ASCL/28 Datasheet HTML 12Page - TOKO, Inc TK71528ASCL/28 Datasheet HTML 13Page - TOKO, Inc TK71528ASCL/28 Datasheet HTML 14Page - TOKO, Inc TK71528ASCL/28 Datasheet HTML 15Page - TOKO, Inc  
Zoom Inzoom in Zoom Outzoom out
 14 / 15 page
background image
Page 14
March 2001 TOKO, Inc.
TK715xxAS
REVERSE VOLTAGE PROTECTION
The internal reverse bias protection eliminates the require-
ment for a reverse voltage protection diode. This saves
both cost and board space.
Another reverse voltage protection technique is illustrated
below. The extra diode and extra capacitor are not neces-
sary with the TK715xxA. The high output voltage accuracy
is maintained because the diode forward voltage varia-
tions over temperature and load current have been elimi-
nated.
PARALLEL OPERATION
The series resistor R is put in the input line of the low output
voltage regulator in order to prevent overdissipation. The
voltage dropped across the resistor reduces the large
input-to-output voltage across the regulator, reducing the
power dissipation in the device.
APPLICATION INFORMATION (CONT.)
SWITCHING OPERATION
Even though the input voltages or the output voltages are
different, the outputs of the TK715xxA regulators can be
connected together, and the output voltages switched. If
two or more TK715xxA regulators are turned ON simulta-
neously, the highest output voltage will be present.
CURRENT BOOST OPERATION
The output current can be increased by connecting an
external PNP transistor as shown below. The output
current capability depends upon the H
fe of the external
transistor. Note: The TK715xxA internal short circuit pro-
tection and thermal sensor do not protect the external
transistor.
715xxAS
VOUT
VIN
GND
TK715xxAS
VOUT
VIN
TK71550A
5 V
VIN
TK71530A
TK71520A
3 V
2 V
R
TK715xxA
VIN
VOUT
0.22 µF
150
Ω
VIN
3.3 µF
TK71530A
VIN
TK71528A
VIN
VOUT
3.0 OR 2.8 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com