Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

447FS420NF12 Datasheet(PDF) 1 Page - Glenair, Inc.

Part # 447FS420NF12
Description  EMI/RFI Non-Environmental Band-in-a-Can Backshell
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GLENAIR [Glenair, Inc.]
Direct Link  http://www.glenair.com
Logo GLENAIR - Glenair, Inc.

447FS420NF12 Datasheet(HTML) 1 Page - Glenair, Inc.

  447FS420NF12 Datasheet HTML 1Page - Glenair, Inc. 447FS420NF12 Datasheet HTML 2Page - Glenair, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
www.glenair.com
E-Mail: sales@glenair.com
Series 447 - Page 2
GLENAIR, INC. • 1211 AIR WAY • GLENDALE, CA 91201-2497 • 818-247-6000 • FAX 818-500-9912
© 2005 Glenair, Inc.
Printed in U.S.A.
CAGE Code 06324
CONNECTOR
DESIGNATORS
A-F-H-L-S
ROTATABLE
COUPLING
F (Table III)
E
(Table III)
G
(Table III)
H
(Table III)
A Thread
(Table I)
L
(Table IV)
C Typ.
(Table I)
Cable
Entry
STYLE 2
(45° & 90°
See Note 1)
.88 (22.4)
Max
* Length ± .060 (1.52)
Min. Order Length 2.0 inch
(See Note 3)
Length *
TerminationArea
Free of Cadmium
Knurl or Ridges
Mfr's Option
Polysulfide Stripes
P Option
M**
K **
N **
U.S. Patent 5211576
Internal Mechanical Strain
Relief Anti-Rotation
** (Table IV)
Band Option
(K Option Shown -
See Note 4)
447-420
EMI/RFI Non-Environmental Band-in-a-Can Backshell
with QwikClamp Strain-Relief
Rotatable Coupling - Standard Profile
447 F S 420 NF 16 12-8 K P
Product Series
Connector Designator
Angle and Profile
H = 45
J = 90
S = Straight
Basic Part No.
Finish (Table II)
Polysulfide (Omit for none)
B = Band
K = Precoiled Band
(Omit for none)
Length: S only
(1/2 inch increments,
e.g. 8 = 4.000 inches)
Cable Entry (Table IV)
Shell Size (Table I)
STYLE 2
(STRAIGHT
See Note 1)
Length ± .060 (1.52)
Min. Order
Length 2.5 inch


Similar Part No. - 447FS420NF12

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
447FS421NF08 GLENAIR-447FS421NF08 Datasheet
63Kb / 2P
EMI/RFI Non-Environmental Band-in-a-Can Backshell with QwikClamp Strain-Relief
447FS421NF10 GLENAIR-447FS421NF10 Datasheet
63Kb / 2P
EMI/RFI Non-Environmental Band-in-a-Can Backshell with QwikClamp Strain-Relief
447FS421NF12 GLENAIR-447FS421NF12 Datasheet
63Kb / 2P
EMI/RFI Non-Environmental Band-in-a-Can Backshell with QwikClamp Strain-Relief
447FS421NF14 GLENAIR-447FS421NF14 Datasheet
63Kb / 2P
EMI/RFI Non-Environmental Band-in-a-Can Backshell with QwikClamp Strain-Relief
447FS421NF16 GLENAIR-447FS421NF16 Datasheet
63Kb / 2P
EMI/RFI Non-Environmental Band-in-a-Can Backshell with QwikClamp Strain-Relief
More results

Similar Description - 447FS420NF12

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
380AM009B08 GLENAIR-380AM009B08 Datasheet
100Kb / 2P
EMI/RFI Non-Environmental Backshell
380AD010B08 GLENAIR-380AD010B08 Datasheet
80Kb / 2P
EMI/RFI Non-Environmental Backshell
380AH019B08 GLENAIR-380AH019B08 Datasheet
82Kb / 2P
EMI/RFI Non-Environmental Backshell
447AH421NF08 GLENAIR-447AH421NF08 Datasheet
63Kb / 2P
EMI/RFI Non-Environmental Band-in-a-Can Backshell with QwikClamp Strain-Relief
447AM425NF08 GLENAIR-447AM425NF08 Datasheet
53Kb / 2P
EMI/RFI Non-Environmental Band-in-a-Can Backshell with Cable Clamp Strain-Relief
447AC425NF08 GLENAIR-447AC425NF08 Datasheet
77Kb / 2P
EMI/RFI Non-Environmental Band-in-a-Can Backshell with Cable Clamp Strain-Relief
447AM427NF08 GLENAIR-447AM427NF08 Datasheet
53Kb / 2P
EMI/RFI Non-Environmental Band-in-a-Can Backshell with Cable Clamp Strain-Relief
447AH427NF08 GLENAIR-447AH427NF08 Datasheet
122Kb / 2P
EMI/RFI Non-Environmental Band-in-a-Can Backshell with Cable Clamp Strain-Relief
380-107 GLENAIR-380-107 Datasheet
235Kb / 2P
EMI/RFI Non-Environmental Backshell
447-425 GLENAIR-447-425 Datasheet
182Kb / 2P
EMI/RFI Non-Environmental Band-in-a-Can Backshell
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com