Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MAX5035BASA/V+ Datasheet(PDF) 16 Page - Maxim Integrated Products

Part # MAX5035BASA/V+
Description  1A, 76V, High-Efficiency MAXPower Step-Down DC-DC Converter
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5035BASA/V+ Datasheet(HTML) 16 Page - Maxim Integrated Products

Back Button MAX5035BASA/V+ Datasheet HTML 9Page - Maxim Integrated Products MAX5035BASA/V+ Datasheet HTML 10Page - Maxim Integrated Products MAX5035BASA/V+ Datasheet HTML 11Page - Maxim Integrated Products MAX5035BASA/V+ Datasheet HTML 12Page - Maxim Integrated Products MAX5035BASA/V+ Datasheet HTML 13Page - Maxim Integrated Products MAX5035BASA/V+ Datasheet HTML 14Page - Maxim Integrated Products MAX5035BASA/V+ Datasheet HTML 15Page - Maxim Integrated Products MAX5035BASA/V+ Datasheet HTML 16Page - Maxim Integrated Products MAX5035BASA/V+ Datasheet HTML 17Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 16 / 17 page
background image
1A, 76V, High-Efficiency MAXPower
Step-Down DC-DC Converter
16
______________________________________________________________________________________
MAX5035B
CIN
68
μF
COUT
68
μF
L1
220
μH
FB
VOUT
5V
BST
LX
SGND
0.1
μF
0.1
μF
GND
VIN
7.5V TO 36V
VIN
R1
Rt
Ct
D1
B240
VD
ON/OFF
MAX5035A
C'IN
68
μF
C'OUT
68
μF
L1'
100
μH
FB
V'OUT
3.3V
BST
LX
SGND
0.1
μF
0.1
μF
GND
VIN
R1'
Rt'
Ct'
D1'
B240
VD
ON/OFF
Figure 4. Dual-Sequenced DC-DC Converters (Startup Delay Determined by R1/R1’, Ct/Ct’ and Rt/Rt’)
Chip Information
TRANSISTOR COUNT: 4344
PROCESS: BiCMOS
Ordering Information (continued)
PART
TEMP RANGE
PIN-
PACKAGE
OUTPUT
VOLTAGE
(V)
MAX5035CUSA
0°C to +85°C
8 SO
MAX5035CUPA
0°C to +85°C
8 PDIP
MAX5035CASA
-40°C to +125°C 8 SO
MAX5035CASA/V+ -40°C to +125°C 8 SO
12
MAX5035DUSA
0°C to +85°C
8 SO
MAX5035DUPA
0°C to +85°C
8 PDIP
MAX5035DASA
-40°C to +125°C 8 SO
MAX5035DASA/V+ -40°C to +125°C 8 SO
ADJ
+
Denotes lead(Pb)-free/RoHS-compliant package.
PACKAGE TYPE
PACKAGE CODE
DOCUMENT NO.
8 SO
S8+2
21-0041
8 PDIP
P8+1
21-0043
Package Information
For the latest package outline information and land patterns, go
to www.maxim-ic.com/packages.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com