Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

447FS421NF08 Datasheet(PDF) 1 Page - Glenair, Inc.

Part # 447FS421NF08
Description  EMI/RFI Non-Environmental Band-in-a-Can Backshell with QwikClamp Strain-Relief
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GLENAIR [Glenair, Inc.]
Direct Link  http://www.glenair.com
Logo GLENAIR - Glenair, Inc.

447FS421NF08 Datasheet(HTML) 1 Page - Glenair, Inc.

  447FS421NF08 Datasheet HTML 1Page - Glenair, Inc. 447FS421NF08 Datasheet HTML 2Page - Glenair, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
www.glenair.com
E-Mail: sales@glenair.com
Series 447 - Page 4
GLENAIR, INC. • 1211 AIR WAY • GLENDALE, CA 91201-2497 • 818-247-6000 • FAX 818-500-9912
© 2005 Glenair, Inc.
Printed in U.S.A.
CAGE Code 06324
A Thread
(Table I)
L
(Table IV)
E Typ.
(Table I)
Cable
Entry
STYLE 2
(STRAIGHT
See Note 1)
Length ± .060 (1.52)
Min. Order Length 2.5 inch
STYLE 2
(45° & 90°
See Note 1)
1.00 (25.4)
Max
* Length ± .060 (1.52)
Min. Order Length 2.0 inch
(See Note 3)
Length *
M**
K **
N **
U.S. Patent 5211576
Internal Mechanical Strain
Relief Anti-Rotation
Anti-Rotation
Device (Typ.)
** (Table IV)
G (Table III)
F
(Table III)
H
(Table III)
J
(Table III)
TerminationArea
Free of Cadmium
Knurl or Ridges
Mfr's Option
Polysulfide Stripes
P Option
CONNECTOR
DESIGNATORS
A-F-H-L-S
SELF-LOCKING
ROTATABLE
COUPLING
Band Option
(K Option Shown -
See Note 4)
447-421
EMI/RFI Non-Environmental Band-in-a-Can Backshell
with QwikClamp Strain-Relief
Self-Locking Rotatable Coupling - Standard Profile
447 F S 421 NF 16 12-8 K P
Product Series
Connector Designator
Angle and Profile
H = 45
J = 90
S = Straight
Basic Part No.
Finish (Table II)
Polysulfide (Omit for none)
B = Band
K = Precoiled Band
(Omit for none)
Length: S only
(1/2 inch increments,
e.g. 8 = 4.000 inches)
Cabe Entry (Table IV)
Shell Size (Table I)


Similar Part No. - 447FS421NF08

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
447FS420NF08 GLENAIR-447FS420NF08 Datasheet
86Kb / 2P
EMI/RFI Non-Environmental Band-in-a-Can Backshell
447FS420NF10 GLENAIR-447FS420NF10 Datasheet
86Kb / 2P
EMI/RFI Non-Environmental Band-in-a-Can Backshell
447FS420NF12 GLENAIR-447FS420NF12 Datasheet
86Kb / 2P
EMI/RFI Non-Environmental Band-in-a-Can Backshell
447FS420NF14 GLENAIR-447FS420NF14 Datasheet
86Kb / 2P
EMI/RFI Non-Environmental Band-in-a-Can Backshell
447FS420NF16 GLENAIR-447FS420NF16 Datasheet
86Kb / 2P
EMI/RFI Non-Environmental Band-in-a-Can Backshell
More results

Similar Description - 447FS421NF08

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
380AA002B08 GLENAIR-380AA002B08 Datasheet
100Kb / 2P
EMI/RFI Non-Environmental Backshell with Strain Relief
447AM425NF08 GLENAIR-447AM425NF08 Datasheet
53Kb / 2P
EMI/RFI Non-Environmental Band-in-a-Can Backshell with Cable Clamp Strain-Relief
447AC425NF08 GLENAIR-447AC425NF08 Datasheet
77Kb / 2P
EMI/RFI Non-Environmental Band-in-a-Can Backshell with Cable Clamp Strain-Relief
447AH425NF08 GLENAIR-447AH425NF08 Datasheet
85Kb / 2P
EMI/RFI Non-Environmental Band-in-a-Can Backshell with Cable Clamp Strain-Relief
447AD426NF08 GLENAIR-447AD426NF08 Datasheet
55Kb / 2P
EMI/RFI Non-Environmental Band-in-a-Can Backshell with Cable Clamp Strain-Relief
447AH426NF08 GLENAIR-447AH426NF08 Datasheet
58Kb / 2P
EMI/RFI Non-Environmental Band-in-a-Can Backshell with Cable Clamp Strain-Relief
447AM427NF08 GLENAIR-447AM427NF08 Datasheet
53Kb / 2P
EMI/RFI Non-Environmental Band-in-a-Can Backshell with Cable Clamp Strain-Relief
447AC427NF08 GLENAIR-447AC427NF08 Datasheet
78Kb / 2P
EMI/RFI Non-Environmental Band-in-a-Can Backshell with Cable Clamp Strain-Relief
447AH427NF08 GLENAIR-447AH427NF08 Datasheet
122Kb / 2P
EMI/RFI Non-Environmental Band-in-a-Can Backshell with Cable Clamp Strain-Relief
447FH425B08 GLENAIR-447FH425B08 Datasheet
362Kb / 2P
EMI/RFI Non-Environmental Band-in-a-Can Backshell With Cable Clamp Strain-Relief
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com