| Electronic Components Datasheet Search |
|
447FS421NF16 Datasheet(PDF) 2 Page - Glenair, Inc. |
|
|
|||||||||||||||||||||||||||||
447FS421NF16 Datasheet(HTML) 2 Page - Glenair, Inc. |
|
2 / 2 page ![]() www.glenair.com E-Mail: sales@glenair.com Series 447 - Page 5 GLENAIR, INC. • 1211 AIR WAY • GLENDALE, CA 91201-2497 • 818-247-6000 • FAX 818-500-9912 © 2005 Glenair, Inc. Printed in U.S.A. CAGE Code 06324 1. When maximum cable entry (page 21) is exceeded, Style 2 will be supplied. Dimensions F, G, H and J will not apply. Please consult factory. 2. Metric dimensions (mm) are indicated in parentheses. 3. Consult factory for shorter lengths on straight backshells. 4. Backshells supplied with 600-052-* band, see Glenair Series 600 Tool Catalog for installation. See inside back cover fold- out or pages 13 and 14 for Tables I and II. TABLE III: ELBOW DIMENSIONS A-F-L-S 08 10 12 14 16 18 20 22 24 Shell Size Conn. Desig. H 09 11 13 15 17 19 21 23 25 F Max .795 (20.2) .820 (20.8) .844 (21.4) .861 (21.9) .888 (22.6) .904 (23.0) .929 (23.6) .956 (24.3) .979 (24.9) H Max .906 (23.0) .966 (24.5) 1.026 (26.1) 1.076 (27.3) 1.136 (28.9) 1.176 (29.9) 1.236 (31.4) 1.296 (32.9) 1.356 (34.4) J Max 1.500 (38.1) 1.550 (39.4) 1.610 (40.9) 1.680 (42.7) 1.740 (44.2) 1.760 (44.7) 1.820 (46.2) 1.900 (48.3) 1.970 (50.0) G Max 1.380 (35.1) 1.410 (35.8) 1.430 (36.3) 1.460 (37.1) 1.480 (37.6) 1.490 (37.8) 1.510 (38.4) 1.550 (39.4) 1.580 (40.1) 447-421 EMI/RFI Non-Environmental Band-in-a-Can Backshell with QwikClamp Strain-Relief Self-Locking Rotatable Coupling - Standard Profile N Max .720 (18.3) .720 (18.3) .720 (18.3) .910 (23.1) .910 (23.1) 1.090 (27.7) 1.090 (27.7) 1.220 (31.0) 1.220 (31.0) 1.340 (34.0) 1.340 (34.0) 1.530 (38.9) 1.530 (38.9) 1.720 (43.7) 1.720 (43.7) 1.850 (47.0) 1.850 (47.0) 1.970 (50.0) 2.090 (53.1) 2.280 (57.9) Clamp Size (Ref) 08 08 08 12 12 16 16 20 20 24 24 28 28 32 32 36 36 40 44 48 K Dia .125 (3.2) .188 (4.8) .250 (6.4) .312 (7.9) .375 (9.5) .438 (11.1) .500 (12.7) .562 (14.3) .625 (15.9) .688 (17.5) .750 (19.1) .812 (20.6) .875 (22.2) .938 (23.8) 1.000 (25.4) 1.062 (27.0) 1.125 (28.6) 1.250 (31.8) 1.375 (34.9) 1.500 (38.1) Min .100 (2.5) .098 (2.5) .098 (2.5) .203 (5.2) .203 (5.2) .328 (8.3) .328 (8.3) .452 (11.5) .452 (11.5) .515 (13.1) .515 (13.1) .640 (16.3) .640 (16.3) .765 (19.4) .765 (19.4) .859 (21.8) .859 (21.8) .984 (25.0) 1.125 (28.6) 1.250 (31.8) Max .250 (6.4) .200 (5.1) .250 (6.4) .375 (9.5) .375 (9.5) .500 (12.7) .500 (12.7) .625 (15.9) .625 (15.9) .750 (19.1) .750 (19.1) .875 (22.2) .875 (22.2) 1.000 (25.4) 1.000 (25.4) 1.125 (28.6) 1.125 (28.6) 1.250 (31.8) 1.375 (34.9) 1.500 (38.1) L Max .970 (24.6) .970 (24.6) .970 (24.6) 1.110 (28.2) 1.110 (28.2) 1.210 (30.7) 1.210 (30.7) 1.210 (30.7) 1.210 (30.7) 1.210 (30.7) 1.360 (34.5) 1.360 (34.5) 1.510 (38.4) 1.510 (38.4) 1.510 (38.4) 1.510 (38.4) 1.510 (38.4) 1.510 (38.4) 1.510 (38.4) 1.510 (38.4) Cable Range M Max .530 (13.5) .530 (13.5) .530 (13.5) .710 (18.0) .710 (18.0) .720 (18.3) .720 (18.3) .720 (18.3) .720 (18.3) .660 (16.8) .660 (16.8) .790 (20.1) .790 (20.1) .870 (22.1) .870 (22.1) .830 (21.1) .830 (21.1) .820 (20.8) .910 (23.1) .900 (22.9) Dash No. 02 03 04 05 06 07 08 09 10 11 12 13 14 15 16 17 18 20 22 24 TABLE IV: CABLE RANGE |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |