Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

447LS425NF18 Datasheet(PDF) 2 Page - Glenair, Inc.

Part # 447LS425NF18
Description  EMI/RFI Non-Environmental Band-in-a-Can Backshell with Cable Clamp Strain-Relief
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GLENAIR [Glenair, Inc.]
Direct Link  http://www.glenair.com
Logo GLENAIR - Glenair, Inc.

447LS425NF18 Datasheet(HTML) 2 Page - Glenair, Inc.

  447LS425NF18 Datasheet HTML 1Page - Glenair, Inc. 447LS425NF18 Datasheet HTML 2Page - Glenair, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.glenair.com
E-Mail: sales@glenair.com
Series 447 - Page 7
GLENAIR, INC. • 1211 AIR WAY • GLENDALE, CA 91201-2497 • 818-247-6000 • FAX 818-500-9912
© 2005 Glenair, Inc.
Printed in U.S.A.
CAGE Code 06324
1. When maximum cable entry (page 21) is exceeded,
Style 2 will be supplied. Dimensions E, F, G, and H
will not apply. Please consult factory.
2. Metric dimensions (mm) are indicated in parentheses.
3. Consult factory for shorter lengths on straight
backshells.
4. Backshells supplied with 600-052-* band, see Glenair
Series 600 Tool Catalog for installation.
See inside back cover fold-out or pages 13 and 14 for Tables I and II.
447-425
EMI/RFI Non-Environmental Band-in-a-Can Backshell
with Cable Clamp Strain-Relief
Rotatable Coupling - Standard Profile
TABLE III: ELBOW DIMENSIONS
A-F-L-S
08
10
12
14
16
18
20
22
24
Shell Size
Conn. Desig.
H
09
11
13
15
17
19
21
23
25
E
Max
.639 (16.2)
.664 (16.9)
.688 (17.5)
.705 (17.9)
.732 (18.6)
.748 (19.0)
.773 (19.6)
.800 (20.3)
.823 (20.9)
H
Max
1.500 (38.1)
1.550 (39.4)
1.610 (40.9)
1.680 (42.7)
1.740 (44.2)
1.760 (44.7)
1.820 (46.2)
1.900 (48.3)
1.970 (50.0)
F
Max
1.380 (35.1)
1.410 (35.8)
1.430 (36.3)
1.460 (37.1)
1.480 (37.6)
1.490 (37.8)
1.510 (38.4)
1.550 (39.4)
1.580 (40.1)
G
Max
.750 (19.1)
.810 (20.6)
.870 (22.1)
.920 (23.4)
.980 (24.9)
1.020 (25.9)
1.080 (27.4)
1.140 (29.0)
1.200 (30.5)
TABLE IV: CABLE ENTRY
Dash
No.
10
12
14
16
18
20
22
24
28
32
K
±.030
±(.8)
.220
(5.6)
.310
(7.9)
.440 (11.2)
.560 (14.2)
.630 (16.0)
.750 (19.1)
.880 (22.4)
1.000 (25.4)
1.060 (26.9)
1.190 (30.2)
Min
.130
(3.3)
.250
(6.4)
.310
(7.9)
.375
(9.5)
.560 (14.2)
.630 (16.0)
.750 (19.1)
.880 (22.4)
1.000 (25.4)
1.130 (28.7)
Max
.250
(6.4)
.380
(9.7)
.440 (11.2)
.630 (16.0)
.690 (17.5)
.750 (19.1)
.880 (22.4)
1.000 (25.4)
1.130 (28.7)
1.250 (31.8)
L
Max
1.000 (25.4)
1.250 (31.8)
1.340 (34.0)
1.470 (37.3)
1.560 (39.6)
1.620 (41.1)
1.750 (44.5)
1.870 (47.5)
1.970 (50.0)
2.090 (53.1)
Cable Range
Now Available
with the NESTOR
Add “-445” to Specify
Glenair’s Non-Detent,
Spring-Loaded, Self-
Locking Coupling. See
Page 41 for Details.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com