Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

447FS425NF18 Datasheet(PDF) 2 Page - Glenair, Inc.

Part # 447FS425NF18
Description  EMI/RFI Non-Environmental Band-in-a-Can Backshell With Cable Clamp Strain-Relief
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GLENAIR [Glenair, Inc.]
Direct Link  http://www.glenair.com
Logo GLENAIR - Glenair, Inc.

447FS425NF18 Datasheet(HTML) 2 Page - Glenair, Inc.

  447FS425NF18 Datasheet HTML 1Page - Glenair, Inc. 447FS425NF18 Datasheet HTML 2Page - Glenair, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
GLENAIR, INC. • 1211 AIR WAY • GLENDALE, CA 91201-2497 • 818-247-6000 • FAX 818-500-9912
Printed in U.S.A.
www.glenair.com
CAGE CODE 06324
© 2008 Glenair, Inc.
E-Mail: sales@glenair.com
G-23
G
TABLE III: BACKSHELL DIMENSIONS
Shell Size
F
H
E Max.
F Max.
G Max.
H Max.
J Ref.
Max. Dash
No. (F, H)
08
09
0.75 (1.9)
1.5 (3.8)
0.639 (1.6)
1.38 (3.5)
0.45 (1.1)
01
10
11
0.81 (2.1) 1.55 (3.9)
0.664 (1.7)
1.41 (3.6)
0.58 (1.5)
02
12
13
0.87 (2.2) 1.61 (4.1)
0.688 (1.7)
1.43 (3.6)
0.69 (1.8)
04
14
15
0.92 (2.3) 1.68 (4.3)
0.705 (1.8)
1.46 (3.7)
0.82 (2.1)
05
16
17
0.98 (2.5) 1.74 (4.4)
0.732 (1.9)
1.48 (3.8)
0.94 (2.4)
06
18
19
1.02 (2.6) 1.76 (4.5)
0.748 (1.9)
1.49 (3.8)
1.03 (2.6)
06
20
21
1.08 (2.7) 1.82 (4.6)
0.773 (2.0)
1.51 (3.8)
1.16 (2.9)
07
22
23
1.14 (2.9) 1.90 (4.8)
0.800 (2.0)
1.55 (3.9)
1.28 (3.3)
08
24
25
1.20 (3.0) 1.97 (5.0)
0.823 (2.1)
1.58 (4.0)
1.41 (3.6)
09
TABLE IV: CABLE ENTRY
Dash No.
K Max.
L Max.
Cable Entry
Min.
Max.
1
0.843 (2.1)
0.78 (2.0)
0.125 (0.3)
0.250 (0.6)
2
0.968 (2.5)
0.97 (2.5)
0.156 (0.4)
0.375 (1.0)
3
1.046 (2.7)
1.05 (2.7)
0.250 (0.6)
0.438 (1.1)
4
1.156 (2.9)
1.15 (2.9)
0.280 (0.7)
0.500 (1.3)
5
1.218 (3.1)
1.22 (3.1)
0.375 (1.0)
0.625 (1.6)
6
1.343 (3.4)
1.34 (3.4)
0.500 (1.3)
0.750 (1.9)
7
1.468 (3.7)
1.47 (3.7)
0.625 (1.6)
0.875 (2.2)
8
1.593 (4.0)
1.59 (4.0)
0.750 (1.9)
1.000 (2.5)
9
1.718 (4.4)
1.72 (4.4)
0.875 (2.2)
1.125 (2.9)
10
1.843 (4.7)
1.84 (4.7)
1.000 (2.5)
1.250 (3.2)
447-425
EMI/RFI Non-Environmental Band-in-a-Can Backshell
With Cable Clamp Strain-Relief
Rotatable Coupling - Standard Profile
APPLICATION NOTES
Standard minimum length for Style I is 1 inch (25.4), Style II
1.
is 1.5 inches (38.1). Consult factory about shorter lengths
(Note: Applies to Symbol
S Straight only).
When cable diameter exceeds “Max Dash No” in Table I, Style
2.
II will be supplied.
For effective grounding, connector with conductive finish
3.
should be used.
Glenair Series 600 Backshell Assembly tools are
4.
recommended for assemply and installation.
For shield termination see Glenair Drawings 600-050 and
5.
600-052.
Material/Finish:
6.
Adapters, Elbows, Coupling Nuts, Ferrule, Clamp - Al
Alloy/See Table I
Hardware - Cres/Passivate
Metric dimensions (mm) are indicated in parentheses.
7.
TABLE II: FINISHES
Symbol
Finish
B
Cadmium Plate, Olive Drab
C
Anodize, Black
GB
Black Anodize, Hard Coat
M
Electroless Nickel
N
Cad Plate, Olive Drab over
Electroless Nickel
NF
Cadmium Plate, Olive Drab over
Electroless Nickel
MT
Ni-PTFE 1000 Hour GreyTM
Nickel Fluorocarbon Polymer
Z1
Stainless Steel Passivate
ZL
CRES, Electroless Nickel
ZN
Zinc-Nickel



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com