Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PI2003 Datasheet(PDF) 12 Page - Vicor Corporation

Part # PI2003
Description  Universal Active ORing Controller IC
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

PI2003 Datasheet(HTML) 12 Page - Vicor Corporation

Back Button PI2003 Datasheet HTML 8Page - Vicor Corporation PI2003 Datasheet HTML 9Page - Vicor Corporation PI2003 Datasheet HTML 10Page - Vicor Corporation PI2003 Datasheet HTML 11Page - Vicor Corporation PI2003 Datasheet HTML 12Page - Vicor Corporation PI2003 Datasheet HTML 13Page - Vicor Corporation PI2003 Datasheet HTML 14Page - Vicor Corporation PI2003 Datasheet HTML 15Page - Vicor Corporation PI2003 Datasheet HTML 16Page - Vicor Corporation  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
Typical application Example 1:
Picor Corporation • picorpower.com
PI2003
Rev 1.0
Page 12 of 16
Requirement:
Redundant Bus Voltage = -48V (-36V to -60V, 100V
for 100ms transient)
Load Current = 5A load (assume through each
redundant path)
Maximum Ambient Temperature = 60°C
Solution:
A single PI2003 with a suitable MOSFET for each
redundant -48V power source should be used and
configured as shown in figure 13. The VC is biased
from the return line through a bias resistor.
Select a suitable N-Channel MOSFET:
Select the
N-Channel MOSFET with voltage rating higher than
the input voltage, Vin, plus any expected transient
voltages, with a low Rds(on) that is capable of
supporting the full load current with margin. For
instance, a 100V rated MOSFET with 10A current
capability is suitable.
An exemplary MOSFET
having these characteristic is Si4486EY from Vishay
Siliconix.
From Si4486EY datasheet:
N-Channel MOSFET
VDS= 100V
ID = 23A continuous drain current at 125°C
VGS(MAX) =
± 20V
RθJA= 50°C/W
RDS(on)=20mΩ typical at VGS=10V, TJ=25°C
Reverse current threshold is:
mA
m
mV
on
Rds
reverse
Vth
reverse
Is
300
20
6
)
(
.
.
=
Ω
=
=
Power dissipation:
Rds(on) is 25mΩ maximum at 25°C and will
increase as the temperature increases. Add 40°C to
maximum ambient temperature to compensate for
the temperature rise due to power dissipation. At
100°C (60°C + 40°C) Rds(on) will increase by 63%.
Ω
=
Ω
=
m
m
on
Rds
41
63
.
1
25
)
(
maximum at 100°C
Maximum Junction temperature
C
m
A
W
C
C
T
J
°
=
Ω
°
+
°
=
111
41
)
0
.
5
(
50
60
2
max
Recalculate based on calculated Junction
temperature, 115°C.
At 115°C Rds(on) will increase by 72%.
Ω
=
Ω
=
m
m
on
Rds
43
72
.
1
25
)
(
maximum at 115°C
C
m
A
W
C
C
T
J
°
=
Ω
°
+
°
=
113
43
)
0
.
5
(
50
60
2
max
FT pin: Connect the FT pin to to the logic power
supply or to the VC pin via a resistor (RFT). Make
RFT large (120KΩ) to lower FT sink current.
A
K
V
R
VC
I
FT
Sink
FT
μ
92
120
0
.
11
=
Ω
=
=
VC:
Connect each controller to the return path with
a separate bias resistor, Rbias.
Sink
FT
clampMax
I
IC
VC
Vbus
Rbias
+
=
max
min
Ω
=
+
=
K
mA
mA
V
V
Rbias
47
.
11
092
.
0
0
.
2
12
36
, or 11.5KΩ,
1%
Rbias maximum power dissipation is at maximum
input voltage and minimum clamp voltage.
mW
K
V
V
Rbias
VC
Vbus
Pd
clampMIN
Rbias
200
5
.
11
)
12
60
(
)
(
2
2
max
=
Ω
=
=
Figure 13:
PI2003 in low side -48V application.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com