Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

EPR1091F2-RC Datasheet(PDF) 1 Page - PCA ELECTRONICS INC.

Part # EPR1091F2-RC
Description  T1/E1/ISDN-PRI Transformers
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PCA [PCA ELECTRONICS INC.]
Direct Link  http://www.pca.com
Logo PCA - PCA ELECTRONICS INC.

EPR1091F2-RC Datasheet(HTML) 1 Page - PCA ELECTRONICS INC.

  EPR1091F2-RC Datasheet HTML 1Page - PCA ELECTRONICS INC.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
E L E C T R O N I C S I N C .
T1/E1/ISDN-PRI Transformers
TEL: (818) 892-0761
FAX: (818) 894-5791
http://www.pca.com
PCA ELECTRONICS, INC.
16799 SCHOENBORN ST.
NORTH HILLS, CA 91343
• Surface Mount in small (SOIC) package
• Optimizied for Leading Transceiver I.C.’s
• Add “-RC” after part number for RoHS Compliant
• Robust construction allows IR / VP reflow processes
• Operating temperature range : -40˚C to +85˚C
• 1500 Vrms Isolation
EPR1090F2 to EPR1094F2 &
EPR1090F2-RC to EPR1094F2-RC
Product performance is limited to specified parameters. Data is subject to change without prior notice.
Electrical Parameters @ 25°C
Unless Otherwise Specified Dimensions are in Inches /mm ± .010 /.25
CSR1090F2-R1094F2 & -RC Rev. 1
2/15/06 JDG
Schematics
1
2
3
6
4
Pri.
Sec.
Part
Number
EPR1090F2(-RC)
EPR1091F2(-RC)
EPR1092F2(-RC)
EPR1094F2(-RC)
Pri. OCL
(mH Min.)
2
2
2
2
@ 10 KHz,
0.1 Vrms
Turns Ratio
(± 2%)
1.35CT:1
1.14CT:1
1CT:1
1.26CT:1
Pri.:Sec.
50
50
50
50
Cw/w
(pF Max.)
Pri. to Sec.
Return Loss
(dB Typ.)
-20
-20
-20
-20
.05 to 10 MHz
LI
(µH Max.)
1.0
1.3
1.2
1.0
Pins 1-3 w/
6-4 shorted
Pri. DCR
(
Ω Max.)
2.6
2.8
2.7
2.5
Pins 1-3
2.6
2.5
1.9
2.0
Sec. DCR
(
Ω Max.)
Pins 6-4
Package
Marking :
PCA
EPR109XF2(-RC)
D.C.
.335
(8.51)
0°-8°
.035
(.889)
.009/.011
(.228/.279)
Solder
Pad
Layout
.335
(8.51)
.079
(2.00)
.030
(.762)
.030
(.762)
.240
(6.09)
.079
(2.00)
.014/.018
(.355/.457)
.005/.015
(.127/.381)
.230
(5.84)
.240
(6.09)
.036
(.914)
.155/.159
(3.94/4.04)
Pin 1
I.D.
Notes :
1. Lead Finish
2. Peak Temperature Rating
3. Moisture Sensitive Levels
4. Weight
5. Packaging Information
(*Add “TR” to end of part number
when placing order)
(Tube)
(Tape & Reel)
MSL = 4
(72 Hours,
≤30°C/60%RH)
EPR109XF2-RC
Matte Tin
260°C
TBD grams
TBD pieces/tube
TBD pieces/13” reel
(*EPR109XF2-RCTR)
EPR109XF2
225°C
MSL = 3
(168 Hours,
≤30°C/60%RH)
TBD grams
TBD pieces/tube
TBD pieces/13” reel
(*EPR109XF2-TR)
SnPb


Similar Part No. - EPR1091F2-RC

ManufacturerPart #DatasheetDescription
logo
PCA ELECTRONICS INC.
EPR1093SE PCA-EPR1093SE Datasheet
32Kb / 1P
T1/E1 Interface Transformer
EPR1095S PCA-EPR1095S Datasheet
42Kb / 1P
T1/CEPT/ISDN-PRI Transformer
EPR1097SE PCA-EPR1097SE Datasheet
20Kb / 1P
T1/E1 Isolation Transformer
EPR1098SE PCA-EPR1098SE Datasheet
25Kb / 1P
T1/CEPT/ISDN-PRI Transformer
EPR1098SE-RC PCA-EPR1098SE-RC Datasheet
25Kb / 1P
T1/CEPT/ISDN-PRI Transformer
More results

Similar Description - EPR1091F2-RC

ManufacturerPart #DatasheetDescription
logo
TALEMA Group. LLC
MJE-10A TALEMA-MJE-10A Datasheet
42Kb / 1P
T1/E1/CEPT/ISDN-PRI SMD Transformers
logo
PCA ELECTRONICS INC.
EPR1401G PCA-EPR1401G Datasheet
23Kb / 1P
T1/E1/CEPT/ISDN-PRI Interface Transformers
logo
Bothhand USA, LP.
4S1008 BOTHHAND-4S1008 Datasheet
56Kb / 1P
T1/E1/CEPT/ISDN-PRI QUAD TRANSFORMERS
2001/03/15
S1076 BOTHHAND-S1076 Datasheet
92Kb / 1P
T1/E1/CEPT/ISDN-PRI TRANSFORMERS
logo
Pulse A Technitrol Comp...
T1231NLT PULSE-T1231NLT Datasheet
601Kb / 5P
T1/E1/CEPT/ISDN-PRI TRANSFORMERS
T1108NLT PULSE-T1108NLT Datasheet
1Mb / 5P
T1/E1/CEPT/ISDN-PRI TRANSFORMERS
T1068NLT PULSE-T1068NLT Datasheet
1Mb / 5P
T1/E1/CEPT/ISDN-PRI TRANSFORMERS
TX1314NL PULSE-TX1314NL Datasheet
413Kb / 1P
T1/E1/CEPT/ISDN-PRI SMT Transformers
T1064NL PULSE-T1064NL Datasheet
1Mb / 5P
T1/E1/CEPT/ISDN-PRI TRANSFORMERS
TX1281 PULSE-TX1281 Datasheet
507Kb / 1P
T1/E1/CEPT/ISDN-PRI SMT TRANSFORMERS
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com