Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

NSL2 Datasheet(PDF) 1 Page - Micronetics, Inc.

Part # NSL2
Description  BROADBAND COAXIAL MICROWAVE NOISE SOURCES
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONETICS [Micronetics, Inc.]
Direct Link  http://www.micronetics.com
Logo MICRONETICS - Micronetics, Inc.

NSL2 Datasheet(HTML) 1 Page - Micronetics, Inc.

  NSL2 Datasheet HTML 1Page - Micronetics, Inc. NSL2 Datasheet HTML 2Page - Micronetics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
MICRONETICS / 26 HAMPSHIRE DRIVE / HUDSON, NH 03051 / TEL: 603-883-2900 / FAX: 603-882-8987
WEB: WWW.MICRONETICS.COM
D
DESCRIPTION
ESCRIPTION
Micronetics' line of broadband coaxial noise
sources are specially designed for easy
integration into microwave systems. They
are designed to be rugged with excellent
long-term stability.
R
RUGGED
UGGED
/S
/STABLE
TABLE
D
DESIGN
ESIGN
::
The heart of Micronetics microwave noise
source is a small chip and wire hermetic
noise module. This is embedded in the
housing with a precision launch to the
coaxial jack. This design is much more
stable and rugged than traditional coaxial
noise sources which rely on pill packaged
diodes and beryllium copper bellow assem-
blies which not only are less reliable, but
use hazardous materials.
T
TEMP
EMP
/V
/V OLTAGE
OLTAGE
S
STABILITY
TABILITY
::
The NST series noise sources all feature
an embedded regulated driver which offers
maximum stability of the noise diode RF
circuit.
MODEL
FREQUENCY
RF OUTPUT
STYLE
RANGE
ENR dB
CODE
NSL2
1 MHz to 1000 MHz
30 +/-1
N, N1
NST04*
10 MHz to 4 GHz
25 (min)
Y
NST18*
10 MHz to 18 GHz
25 (min)
Y
NST26*
100 MHz to 26.5 GHz
24 (min)
Y
Micronetics low ENR noise sources feature a large value embedded attenuator
ideal for Y-factor tests. The attenuator serves dual purposes of lowering the ENR to
a suitable Y-factor amplitude and also improves both on and off state VSWR which
increases noise figure measurement accuracy.
MODEL
FREQUENCY
ENR
VSWR
STYLE
RANGE
CODE
NSL2L
1 MHz to 1000 MHz
14 - 16 dB
1.3:1 (max)
N, N1
NST04L*
10 MHz to 4 GHz
14 - 16 dB
1.3:1 (max )
Y
NST18L*
10 MHz to 18 GHz **
13 - 17 dB
1.4:1 (max)
Y
NST26L*
100 MHz to 26.5 GHz
13 - 17 dB
1.6:1 (max)
Y
* TTL compatible
** 2 GHz to 18 GHz ENR range is 14-16 dB
MEDIUM ENR BROADBAND COAXIAL MICROWAVE NOISE SOURCES
LOW ENR BROADBAND COAXIAL MICROWAVE NOISE SOURCES
BROADBAND COAXIAL MICROWAVE NOISE SOURCES
1 MHZ TO 26.5 GHZ
S
S PECIFICATIONS
PECIFICATIONS
s
Operating Temp: -55 to +95oC
s
Storage Temp: -65 to +125oC
s
Supply Voltage: +15 VDC, +28 VDC
s
Temperature Stability: 0.01 dB/oC
s
Ouput Impedance: 50 ohm
s
Peak Factor: 5:1
TAILORED ENR FOR YOUR NOISE FIGURE MEASUREMENT APPLICATION
Micronetics offers other ENR values upon request. The optimum ENR of the noise source is dependant on the expected noise
figure of the DUT. If the expected noise figure is high, the measured difference of the off and on noise source states will be too
hard to discern accurately with the DUT's comparatively large amount of self generated thermal noise. However if the expected
noise figure is very low than using a noise source with too high a level of ENR will cause the two measured values to have such
disparate amplitudes that non-linear dynamic range issues may compromise accuracy. Depending on how crucial the measure-
ment uncertainty window needs to be, the designer can mathematically calculate the theoretical best ENR. This process can be
exhaustive mathematically. Table 1 indicates a quick rule of thumb for ENR vs. expected noise figure. It should be noted that
any path loss between the noise source and DUT must be accounted for. If a 10 dB noise source makes sense for the DUT but
there is a 10 dB coupler and 3 dB of insertion loss, than a noise source with a 20 - 25 dB ENR is needed.
Expected Noise Figure
Noise Source Nominal ENR
0 to 10 dB
5 dB
10 to 20 dB
10 dB
20 to 35 dB
15 dB
http://www.mwireless.com/Noise_Source/Microwave_Broadband.pdf
Return to Noise Index


Similar Part No. - NSL2

ManufacturerPart #DatasheetDescription
logo
Micronetics, Inc.
NSL2-A MICRONETICS-NSL2-A Datasheet
52Kb / 2P
Broadband Microwave Coaxial Noise Sources 1 MHz to 1000 MHz
NSL2-B MICRONETICS-NSL2-B Datasheet
52Kb / 2P
Broadband Microwave Coaxial Noise Sources 1 MHz to 1000 MHz
NSL2L-A MICRONETICS-NSL2L-A Datasheet
52Kb / 2P
Broadband Microwave Coaxial Noise Sources 1 MHz to 1000 MHz
NSL2L-B MICRONETICS-NSL2L-B Datasheet
52Kb / 2P
Broadband Microwave Coaxial Noise Sources 1 MHz to 1000 MHz
More results

Similar Description - NSL2

ManufacturerPart #DatasheetDescription
logo
Micronetics, Inc.
NMA2218-A1T MICRONETICS-NMA2218-A1T Datasheet
182Kb / 2P
Broadband Microwave Coaxial Noise Sources 1 GHz to 18 GHz
NS5100-A1X MICRONETICS-NS5100-A1X Datasheet
187Kb / 2P
Broadband Microwave Coaxial Noise Sources 10 MHz to 18000 MHz
NS5100-A2X MICRONETICS-NS5100-A2X Datasheet
155Kb / 2P
Broadband Microwave Coaxial Noise Sources 10 MHz to 18000 MHz
NS5101-A1X MICRONETICS-NS5101-A1X Datasheet
187Kb / 2P
Broadband Microwave Coaxial Noise Sources 500 MHz to 4000 MHz
NS5102-A1X MICRONETICS-NS5102-A1X Datasheet
187Kb / 2P
Broadband Microwave Coaxial Noise Sources 1000 MHz to 18000 MHz
NS5102-A2X MICRONETICS-NS5102-A2X Datasheet
207Kb / 2P
Broadband Microwave Coaxial Noise Sources 1000 MHz to 18000 MHz
NSL2-B MICRONETICS-NSL2-B Datasheet
52Kb / 2P
Broadband Microwave Coaxial Noise Sources 1 MHz to 1000 MHz
NSL2L-A MICRONETICS-NSL2L-A Datasheet
52Kb / 2P
Broadband Microwave Coaxial Noise Sources 1 MHz to 1000 MHz
NST18L-B MICRONETICS-NST18L-B Datasheet
164Kb / 2P
Broadband Microwave Coaxial Noise Sources 10 MHz to 18 GHz
NST26-A MICRONETICS-NST26-A Datasheet
164Kb / 2P
Broadband Microwave Coaxial Noise Sources 100 MHz to 27 GHz
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com